Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 42Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 43Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 44Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 45Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 48Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 49Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
46
CHAPTER 2: SIGNAL DESCRIPTIONS
C5NP
When configuring two C-5 network processors back-to-back using the Fabric Port, set up
the transmit side of each C-5 network processor in Utopia ATM mode and the receive side
of each C-5 network processor in Utopia PHY mode.
FRXCTL1
Output
TxClav
Pulldown or nc
FTXCTL1
Output
RxClav
Pulldown or nc
FRXCTL2
Input
TxSOC
Pulldown
FTXCTL2
Output
RxSOC
Pulldown
FRXCTL3
Input
n/a
Pullup or
Pulldown
FTXCTL3
nc
nc
FRXCTL4
Input
n/a
Pullup or
Pulldown
FTXCTL4
nc
nc
FRXCTL5
Input
n/a
Pullup or
Pulldown
FTXCTL5
nc
nc
FRXCTL6
Input
TxPrty
FTXCTL6
Output
RxPrty
* cell size must be 4Byte aligned.
Table 20 Utopia1*, 2*, 3 PHY Mode, C-5 Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
Table 21 PRIZMA Mode, C-5 Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
FRXCTL0
Input
TxEnb*
pulldown
(not connected to
fabric)
FTXCTL0
Input
RxEnb*
pulldown
(not connected to
fabric)
FRXCTL1
Output
TxClav
nc
FTXCTL1
Output
RxClav
nc
FRXCTL2
Input
TxSOP
Pulldown
FTXCTL2
Output
RxSOP
Pulldown
FRXCTL3
Input
n/a
Pullup or
Pulldown
FTXCTL3
nc
nc
FRXCTL4
Input
n/a
Pullup or
Pulldown
FTXCTL4
nc
nc
FRXCTL5
Input
n/a
Pullup or
Pulldown
FTXCTL5
nc
nc
FRXCTL6
Input
TxPrty or nc
FTXCTL6
Output
RxPrty or nc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com