Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 89Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 90Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 91Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 92Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 93Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 94Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 95Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 96Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
Marking Codes
95
V 04
Marking Codes
Table 58 explains the marking on the C-5 NP.
Reflow
Typical Reflow Profile for the C-5 Switch Module
1 Follow the guidelines recommended by your solder paste supplier.
Flux requrements must be met for best solderability.
2 The temperature profile should be carefully characterized to ensure uniform
temperature across the board and package.
Solder ball voiding may be affected by ramp rates and dwell times below and above
liquidus.
Table 57 Package Measurements (Reference Figure 26 and Figure 27 for Symbols)
SYMBOL
DEFINITION
NOM. (MM)
MIN. (MM)
MAX. (MM)
A
Overall
5.63
5.31
5.95
A
1
Ball height
0.89
A
2
C4 and Die
0.88
A
3
Body thickness
2.26
2.07
2.53
A
4
Lid thickness
1.6
D
Body size
37.50
D
1
Ball footprint (X)
35.56
E
Body size
37.50
E
1
Ball footprint (Y)
35.56
e
Ball pitch
1.27
b
Ball diameter
0.89
Table 58 C-5 Network Processor Marking Codes
MARKING (EXPLANATION OF CODES)
Top
Logo/Part#/Country of Origin/Date Code
Bottom
N/A
Pin 1 Marking
Chamfered Corner
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com