Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 52Page - STMicroelectronics SPEAR1340 Datasheet HTML 53Page - STMicroelectronics SPEAR1340 Datasheet HTML 54Page - STMicroelectronics SPEAR1340 Datasheet HTML 55Page - STMicroelectronics SPEAR1340 Datasheet HTML 56Page - STMicroelectronics SPEAR1340 Datasheet HTML 57Page - STMicroelectronics SPEAR1340 Datasheet HTML 58Page - STMicroelectronics SPEAR1340 Datasheet HTML 59Page - STMicroelectronics SPEAR1340 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 200 page
background image
C12
FSMC_IO10
KBD_ROW2
XGPIO2
IO
IOD
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
D12
FSMC_IO11
KBD_ROW3
XGPIO3
IO
IOD
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
E12
FSMC_IO12
KBD_ROW4
XGPIO4
IO
IOD
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
A11
FSMC_IO13
KBD_ROW5
XGPIO5
IO
IOD
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
B11
FSMC_IO14
KBD_COL0
XGPIO6
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
C11
FSMC_IO15
KBD_COL1
XGPIO7
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
D11
FSMC_CE1n
KBD_COL2
GPIO_A0
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
E11
FSMC_RWPRT1n
KBD_COL3
GPIO_A1
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
A10
FSMC_RSTPWDWN1
KBD_COL4
GPIO_A2
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP5
CC4
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com