Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 90 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 86Page - STMicroelectronics SPEAR1340 Datasheet HTML 87Page - STMicroelectronics SPEAR1340 Datasheet HTML 88Page - STMicroelectronics SPEAR1340 Datasheet HTML 89Page - STMicroelectronics SPEAR1340 Datasheet HTML 90Page - STMicroelectronics SPEAR1340 Datasheet HTML 91Page - STMicroelectronics SPEAR1340 Datasheet HTML 92Page - STMicroelectronics SPEAR1340 Datasheet HTML 93Page - STMicroelectronics SPEAR1340 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 200 page
background image
Pin description
SPEAr1340
90/200
Doc ID 023063 Rev 4
3.3
Power supply signals description
Table 4.
Power supply signals description
Pin name
Description
Ball
Signal type Pin type
ADC_AGND
ADC ground
C5
GND
ADC_AVDD2V5
ADC power supply
C4
PWR
ADC_VREFN
ADC negative voltage
reference
B5
I
ANA
REF
ADC_VREFP
ADC positive voltage reference
A5
I
ANA
REF
DDR_PLL_AVDD2V5
DDR PLL power supply
AC5
PWR
DDRIO_COMP_REXT
DDR IO compensation cell
analog reference
AD5
IO
ANA
REF
DDRIO_VDD1V8_1V5
DDR IO power supply
T6 U5 V6 W5 Y6 AA5
AB6 AC7 AC9 AC11
AC13 AD6 AD8 AD10
AD12 AD14
PWR
DDRIO_VREF
DDR IO voltage reference
AC4
I
ANA
REF
DDRPHY_VDD1V2
DDR PHY power supply
U10 U12 V11 V13
W10 W12
PWR
IO_COMP_GND_2V5_3V3
IOTYPE3 IO compensation cell
ground
P19
GND
DED
GND
IO_COMP_GND1_1V8_3V3
IOTYPE2 IO compensation cell
ground
K11
GND
DED
GND
IO_COMP_GND1_3V3
IOTYPE1 & IOTYPE4 IO
compensation cell ground
AC22
GND
DED
GND
IO_COMP_GND2_1V8_3V3
IOTYPE2 IO compensation cell
ground
K14
GND
DED
GND
IO_COMP_GND2_3V3
IOTYPE1 & IOTYPE4 IO
compensation cell ground
L19
GND
DED
GND
IO_COMP_REXT_2V5_3V3
IOTYPE3 IO compensation cell
analog reference
R19
IO
ANA
REF
IO_COMP_REXT1_1V8_3V3
IOTYPE2 IO compensation cell
analog reference
K12
IO
ANA
REF
IO_COMP_REXT1_3V3
IOTYPE1 & IOTYPE4 IO
compensation cell analog
reference
AC21
IO
ANA
REF
IO_COMP_REXT2_1V8_3V3
IOTYPE2 IO compensation cell
analog reference
K15
IO
ANA
REF
IO_COMP_REXT2_3V3
IOTYPE1 & IOTYPE4 IO
compensation cell analog
reference
K19
IO
ANA
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com