Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 7Page - STMicroelectronics SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
11/200
2.7
USB 2.0 Host controllers (UHC)
The SPEAr1340 device integrates 2 USB Host interfaces. Each interface provides a high-
speed Host controller (EHCI standard) and a full-speed/low-speed controller (OHCI
standard). The UHC has 2 physical ports (2 separate instances) that are fully compliant with
the Universal Serial Bus specification (version 2.0), and provides an interface to the
industry-standard AHB bus.
Main features:
A PHY interface implementing a USB 2.0 transceiver macro-cell interface plus (UTMI+)
fully compliant with UTMI+ specification (revision 1.0), to execute serialization and de-
serialization of transmissions over the USB line
Either 30 MHz clock for 16-bit interface or 60 MHz for 8-bit interface supported by the
UTMI + PHY interface
A USB 2.0 host controller (UHC) connected to the AHB bus that generates the
commands for the UTMI+PHY
Complies with both the enhanced host controller interface (EHCI) specification (version
1.0) and the open host controller interface (OHCI) specification (version 1.0a)
The UHC supports the 480 Mbps high-speed (HS) for USB 2.0 through an embedded
EHCI Host Controller, as well as the 12 Mbps full-speed (FS) and the 1.5 Mbps low-
speed (LS) for USB 1.1 through one integrated OHCI Host controller
All clock synchronization is handled within the UHC
An AHB slave for each controller (1 EHCI and 1 OHCI), acting as programming
interface to access to control and status registers
An AHB master for each controller (1 EHCI and 1 OHCI) for data transfer to system
memory, supporting 8-, 16-, and 32-bit wide data transactions on the AHB bus
32-bit AHB bus addressing
2.8
USB 2.0 OTG port (UOC)
Main features:
Complies with the On-The-Go supplement to the USB 2.0 specification (revision 1.3)
Supports the Session Request Protocol (SRP)
Supports the Host Negotiation Protocol (HNP)
A PHY interface implementing the USB 2.0 transceiver macrocell interface (UTMI+
specification, revision 1.0 (Level 3)) to execute serialization and de-serialization of
transmissions over the USB line
Unidirectional and bidirectional 16-bit UTMI data bus interfaces
Support for the following speeds:
High speed (HS): 480 Mbps
Full speed (FS): 12 Mbps
Low speed (LS): 1.5 Mbps (only in Host mode)
Both of the DMA and slave-only modes are supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com