Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 31Page - STMicroelectronics SPEAR1340 Datasheet HTML 32Page - STMicroelectronics SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics SPEAR1340 Datasheet HTML 38Page - STMicroelectronics SPEAR1340 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
35/200
2.32
General purpose timers (GPT)
The SPEAr1340 device integrates 4 instances of a general purpose timer (GPT) digital
block, identified as GPT0, GPT1, GPT2, GPT3. Each instance is a dual timer, for total 8
independent timers.
General purpose timers can be used for precise timing measurement and for measurement
of frequency of any input signal. They are essentially counters that increment based on the
clock cycle and the timer prescaler. An application can monitor these counters to determine
how much time has elapsed. GPT can have timer and capture mode capabilities.
Main features:
It is constituted by 2 channels; each one consists of a programmable 16-bit counter and
a dedicated 4-bit timer clock prescaler
The programmable 4-bit prescaler unit performs a clock division by 1, 2, 4, 8, 16, 32,
64, 128 and 256
Three interrupt sources (MATCH, REDG, and FEDG) are available for each timer
channel. They are mapped to a single interrupt line for each channel but may be
individually masked and acknowledged
Each timer has a separate register set to control, enable and run each channel
separately
Three modes of operations are available for each timer channel:
Auto-reload mode
Single-shot mode
Capture function
2.33
PWM generators (PWM)
The PWM is a pulse-width modulation (PWM) timer module with four independent channels
(PWM1, PWM2, PWM3, and PWM4). All four channels are functionally identical. Using a
16-bit counter, each PWM channel generates a rectangular output pulse with programmable
duty factor (0 to 100%) and frequency.
The four channels can work either synchronously or asynchronously.
Main features:
Four independent PWM channels
Synchronous and asynchronous working modes
Prescaler to define the input clock frequency for each timer
Programmable duty factor from 0 to 100%
Programmable pulse frequency
APB slave interface for programming registers
APB clock (PCLK ~ 83 MHz) as the prescaler source clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com