Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics SPEAR1340 Datasheet HTML 31Page - STMicroelectronics SPEAR1340 Datasheet HTML 32Page - STMicroelectronics SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
33/200
A set of 16 general purpose registers (GP-Reg) are provided which can be used to save
data during the power down state. GP-Reg-set runs on 32 K oscillator clock and powered by
RTC battery. Each register is of 32 bits and addressed mapped on the 32-bit APB bus. A bit
in status register reflects the status of any pending write to GP-Reg-set. This means that
write operation to the GP-Reg-set should be sequential, so you should wait for this pending
status bit to be cleared before writing again to GP-Reg-set.
Main features:
Works on dedicated 32768 Hz external clock and power supply
9999- year calendar
Leap years support
Programmable alarm interrupt
Power management and self-isolation
Prescaler and timer registers bypass for TEST
Time and date update monitors
16 general purpose registers which can be used to save data during power down state
2.31
DMA controllers (DMAC)
The SPEAr1340 device integrates 2 instances of a DMA controller (DMAC) digital block,
identified as DMAC0 and DMAC .
The DMAC is an AHB-central DMA controller core that transfers data from a source
peripheral to a destination peripheral over two AHB buses. A wrapper is designed to
instantiate 2 DMAC cores (each with 2 AHB master interfaces), 2 ICMs (which arbitrate the
same master interface of each DMAC) and a MUX (which manages multiple peripheral
handshaking interfaces).
Main features:
AMBA 2.0-compliant
AHB slave interface – used to program the DMAC
8 channels, one per source and destination pair
Unidirectional channels – data transfers in one direction only
Programmable channel priority
2 independent AHB master interfaces
Data bus width configured to 64 bits for each AHB master interface
Configurable endianness for master interfaces
Support for memory-to-memory, memory-to-peripheral, peripheral-to-memory, and
peripheral-to-peripheral DMA transfers
Component ID parameters for configurable software driver support
Programmable source and destination addresses (on AHB bus)
Address increment, decrement or no change
Multiblock transfers achieved through linked lists (block chaining)
Independent source and destination selection of multiblock transfer type
Scatter/Gather



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com