Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics SPEAR1340 Datasheet HTML 17Page - STMicroelectronics SPEAR1340 Datasheet HTML 18Page - STMicroelectronics SPEAR1340 Datasheet HTML 19Page - STMicroelectronics SPEAR1340 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 200 page
background image
Device functions
SPEAr1340
16/200
Doc ID 023063 Rev 4
PCI power management
PCI Express active state power management (ASPM)
PCI Express advanced error reporting
Vital product data (VPD)
PCIe messages for both transmit and receive.
External priority arbitration (in addition to the internally implemented transmit
arbitration)
Expansion ROM support
Additional features specific to RC mode
Type 1 configuration space
Application-initiated Lane reversal for situations where the core does not detect Lane 0
(for example, an x4 core connected to an x8 device that has its Lanes reversed)
Additional features specific to EP mode
Completion time-out ranges
Type 0 configuration space
MSI interrupt capability
2.11
Serial ATA controller (SATA)
The SATA AHCI Core implements the serial advanced technology attachment (SATA)
storage interface for physical storage devices.
Main features:
SATA 3.0 Gb/s Gen II
eSATA (external analog logic also needs to support eSATA)
Compliant with the following specifications:
Serial ATA 3.0 (except FIS-based switching)
AHCI Revision 1.3 (except FIS-based switching)
AMBA 3 AXI interfaces
User-defined PHY status and control ports
RX data buffer for recovered clock systems
Data alignment circuitry when RX data buffer is also included
OOB signaling detection and generation
8b/10b encoding/decoding
Asynchronous signal recovery, including retry polling
Digital support of device hot-plugging
Power management features including automatic partial-to-slumber transition
BIST loopback modes
Single SATA device
Internal DMA engine per port
Hardware-assisted native command queuing for up to 32 entries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com