Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 99 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 95Page - STMicroelectronics SPEAR1340 Datasheet HTML 96Page - STMicroelectronics SPEAR1340 Datasheet HTML 97Page - STMicroelectronics SPEAR1340 Datasheet HTML 98Page - STMicroelectronics SPEAR1340 Datasheet HTML 99Page - STMicroelectronics SPEAR1340 Datasheet HTML 100Page - STMicroelectronics SPEAR1340 Datasheet HTML 101Page - STMicroelectronics SPEAR1340 Datasheet HTML 102Page - STMicroelectronics SPEAR1340 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
99/200
3.5
Signals description
3.5.1
CPU subsystem
Table 9.
CPU subsystem - A9SM signals description
Signal name
Description
Type
Ball
ARM_TRSTn
JTAG reset
I
AE15
ARM_TCK
JTAG clock
I
AD16
ARM_TMS
JTAG mode select
I
AE16
ARM_TDI
JTAG data input
I
AD15
ARM_TDO
JTAG data output
IO
AF16
ARM_TRCCLK
Trace clock
O
E27
ARM_TRCCTL
Trace control
O
E26
ARM_TRCDATA0
Trace data
O
E25
ARM_TRCDATA1
D28
ARM_TRCDATA2
F24
ARM_TRCDATA3
C28
ARM_TRCDATA4
B28
ARM_TRCDATA5
A28
ARM_TRCDATA6
D27
ARM_TRCDATA7
C27
ARM_TRCDATA8
B27
ARM_TRCDATA9
K28
ARM_TRCDATA10
A27
ARM_TRCDATA11
A26
ARM_TRCDATA12
B26
ARM_TRCDATA13
C26
ARM_TRCDATA14
D26
ARM_TRCDATA15
A25
ARM_TRCDATA16
B25
ARM_TRCDATA17
C25
ARM_TRCDATA18
D25
ARM_TRCDATA19
A24
ARM_TRCDATA20
B24
ARM_TRCDATA21
C24
ARM_TRCDATA22
D24
ARM_TRCDATA23
E24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com