Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 32Page - STMicroelectronics SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics SPEAR1340 Datasheet HTML 38Page - STMicroelectronics SPEAR1340 Datasheet HTML 39Page - STMicroelectronics SPEAR1340 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 200 page
background image
Device functions
SPEAr1340
36/200
Doc ID 023063 Rev 4
2.34
Clock and reset system
This centralized structure provides system synchronization.
Main features:
Six PLLs. Four of them are fully programmable and offer an EMI reduction mode
(spread spectrum clock generation through dithering) that can replace all traditional
EMI reduction techniques.
PLL1 programmable dithered pll, dedicated for Core1 & 2 & AXI/AHB bus &
peripherals. Both core need to run at the same speed
PLL2 programmable dithered PLL, dedicated for the 125 MHz clock of the Gigabit
Ethernet MAC
PLL3 programmable dithered PLL, for specific embedded IP functions
PLL4 programmable dithered PLL, dedicated for the DDR memory controller
(Asynchronous access memory mode)
PLL5 low jitter, dedicated for the USB
PLL6 for the PCIe controllers
Several synthesizers provide different frequencies for different IPs
Fully programmable control of clock and reset signals for all slave blocks allowing
sophisticated power management.
2.35
Reset and clock generator (RCG)
The reset and clock generator (RCG) provides the system clocks and resets. It is highly
configurable through the miscellaneous registers.
Main features:
Three main clock sources:
osci1: 24 MHz clock coming from internal oscillator connected to external quartz
osci2: 32 kHz clock coming from internal oscillator used for RTC block (optional)
osci3: 25/100 MHz clock coming from MIPHY macro (optional)
Three programmable dithered PLLs (to reduce EMI):
PLL1: primarily used to generate the 1 GHz clock for the AMBA subsystem
PLL2, PLL3: primarily used to generate clocks for generic IPs
Seven configurable clock generators:
SSCG1-4: used by generic IPs
–SSCG5: for CPU clock
SSCG6: for CLCD clock
SSCG7: for AHB, APB clocks
Three operating modes for AMBA clocks:
DOZE: the clock source is osci2 (osci1 after power on)
SLOW: the clock source is the osci1 or a divided version
NORMAL: the clock source is PLL1 (by default), PLL2, PLL3 or SSCG7
Configurable clock gating and software reset for most peripherals
Global software reset and watchdog reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com