Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 18Page - STMicroelectronics SPEAR1340 Datasheet HTML 19Page - STMicroelectronics SPEAR1340 Datasheet HTML 20Page - STMicroelectronics SPEAR1340 Datasheet HTML 21Page - STMicroelectronics SPEAR1340 Datasheet HTML 22Page - STMicroelectronics SPEAR1340 Datasheet HTML 23Page - STMicroelectronics SPEAR1340 Datasheet HTML 24Page - STMicroelectronics SPEAR1340 Datasheet HTML 25Page - STMicroelectronics SPEAR1340 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 200 page
background image
Device functions
SPEAr1340
22/200
Doc ID 023063 Rev 4
2.17
A/D converter (ADC)
SPEAr1340 integrates an analog-to-digital converter.
Main features:
●
Successive approximation A/D conversion
●
10-bit resolution for the analog cell which can be extended up to 12 bits with embedded
oversampling techniques performed by the controller
●
1 MSPS
●
8 analog input channels (0 – 2.5 V)
●
INL ± 1 LSB
●
DNL ± 1 LSB
●
Programmable conversion speed – minimum conversion time 1 µs
●
Support for resistive touchscreen
2.18
HDMI CEC interfaces (CEC)
The SPEAr1340 device integrates 2 instances of a Consumer Electronics Control (CEC)
digital block, identified as CEC0 and CEC1.
CEC is an asynchronous transfer mode adaptation layer (AAL) protocol that provides high-
level control functions among the various audiovisual products in a user’s environment. CEC
operates at low speeds, with minimal processing and memory overhead.
Main features:
●
AMBA 2.0 compatible
●
One touch play: Play a device and make it the active source with the press of a button
●
System standby: Set all devices to standby with the press of a button
●
Preset transfer: Auto-configures device presets to match those of the TV
●
One-touch record: Enables one-button recording
●
Timer programming: Any device can program a recording device’s timer
●
System information: Devices can auto-configure their language and country settings
●
Deck control: A device can control and interrogate a playback device
●
Tuner control: A device can control the tuner of another device
●
Vendor specific commands: Enables the use of vendor-defined commands
●
On-screen display (OSD): A device can display text on the TV screen
●
Device menu control: A device can control the menu of another device
●
Routing control: Enables CEC switch control, to stream a new source device
●
Remote control pass through: Enables the passing on of remote control commands to
other devices
●
Device OSD name transfer: System devices can request the preferred object-based
storage device (OSD) name of other system devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com