Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 2Page - STMicroelectronics SPEAR1340 Datasheet HTML 3Page - STMicroelectronics SPEAR1340 Datasheet HTML 4Page - STMicroelectronics SPEAR1340 Datasheet HTML 5Page - STMicroelectronics SPEAR1340 Datasheet HTML 6Page - STMicroelectronics SPEAR1340 Datasheet HTML 7Page - STMicroelectronics SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 200 page
background image
Description
SPEAr1340
6/200
Doc ID 023063 Rev 4
1
Description
The SPEAr1340 device is a system-on-chip belonging to the SPEAr® (Structured Processor
Enhanced Architecture) family of embedded microprocessors. The product is suitable for
consumer and professional applications where an advanced human machine interface
(HMI) combined with high performance are required, such as low-cost tablets, thin clients,
media phones and industrial/printer smart panels.
The device is hardware-compliant to the support of both real-time (RTOS) and high-level
(HLOS) operating systems, such as Android, Linux and Windows Embedded Compact 7.
The architecture of SPEAr1340 is based on several internal components, communicating
through a multilayer interconnection matrix (BUSMATRIX). This switching structure enables
different data flows to be carried out concurrently, improving the overall platform efficiency.
In particular, high-performance master agents are directly interconnected with the DDR
memory controller in order to reduce access latency. The overall memory bandwidth
assigned to each master port can be programmed and optimized through an internal
weighted round-robin (WRR) arbitration scheme.
Figure 1.
SPEAr1340 architectural block diagram
FPU
PTM
Cortex A9 CPU
32 KB
ICache
32 KB
DCache
Interrupt
Controller
512 KBL2 Cache
ACP
Cache
Transfers
Snoop
Filtering
Timer &
Watchdog
CPU 0
AXI Bus
Master 0
AXI Bus
Master 1
Coresight
Global
Timer
Timer &
Watchdog
CPU 1
SCU
MPCore
CPU 0
DisplayCtrl
2D/3D GPU
Video Decoder
Video Encoder
CameraI/F (4x)
Video Input
I2S Audio I/F
(8 in, 8 out)
S/PDIF Audio I/F
USB 2.0 Host Ctrl
USB 2.0 OTG Ctrl
USB
PHYs
Giga/Fast
Ethernet Ctrl
PCIe Ctrl
SATA Ctrl
PHY
Graphics, video, audio
Highspeed connectivity
USB 2.0 Host Ctrl
BUSMATRIXInterconnect
GPIO
XGPIO
I2C (2x)
SSP
UART (2x)
KBD
CEC (2x)
ADC
PWM (4x)
RTC
Lowspeed connectivity
DDR2/3 Ctrl
Static Memory Ctrl
Serial Memory I/F
Memory cardI/F
Memory
FPU
PTM
Cortex A9 CPU
32 KB
ICache
32 KB
DCache
CPU 1
BootROM
SRAMs
DMA Ctrl (2x)
Security
Coprocessor
Reset & clock Generator
PowerControl
Configuration
registers
Timers
JTAG
Trace
THSENS
OTP
Opt.
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com