Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 76Page - STMicroelectronics SPEAR1340 Datasheet HTML 77Page - STMicroelectronics SPEAR1340 Datasheet HTML 78Page - STMicroelectronics SPEAR1340 Datasheet HTML 79Page - STMicroelectronics SPEAR1340 Datasheet HTML 80Page - STMicroelectronics SPEAR1340 Datasheet HTML 81Page - STMicroelectronics SPEAR1340 Datasheet HTML 82Page - STMicroelectronics SPEAR1340 Datasheet HTML 83Page - STMicroelectronics SPEAR1340 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 200 page
background image
D8
FSMC_REn
XGPIO244
O
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP4
CC3
E8
FSMC_WEn
XGPIO245
O
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP4
CC3
C7
FSMC_RWPRT0n
XGPIO246
O
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP4
CC3
D7
FSMC_RB0
XGPIO247
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP4
CC3
E7
FSMC_CLE_AD16
XGPIO248
O
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP4
CC3
C6
FSMC_CE0n
XGPIO249
O
IO
IOTYPE2
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD1V8_3
V3
I
na
PU
6ma
FAST
1V8
STRAP4
CC3
C1
RTC_VDD1V5
PWR
K13
K17
L10
L12
L14
L16
L18
M11
M17
M19
N10
N12
N18
P11
P17
VDD1V2
PWR
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com