Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 3Page - STMicroelectronics SPEAR1340 Datasheet HTML 4Page - STMicroelectronics SPEAR1340 Datasheet HTML 5Page - STMicroelectronics SPEAR1340 Datasheet HTML 6Page - STMicroelectronics SPEAR1340 Datasheet HTML 7Page - STMicroelectronics SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
7/200
2
Device functions
2.1
CPU subsystem
The CPU subsystem is based on the ARM Cortex A9 processor, and has a dual-core
configuration.
Main features:
Each core has the following features:
ARM v7 CPU at 600 MHz
32 KB of L1 instruction CACHE with parity check
32 KB of L1 data CACHE with parity check
Embedded FPU for single and double data precision scalar floating-point operations
Memory management unit (MMU)
ARM, Thumb2 and Thumb2-EE instruction set support
Program Trace Macrocell (PTM) and CoreSight© component for software debug
32-bit timer with 8-bit prescaler
Internal watchdog (working also as timer)
The dual core configuration is completed by a common set of components:
Snoop control unit (SCU) to manage inter-process communication, cache-to-cache and
system memory transfer, cache coherency
Generic interrupt control (GIC) unit configured to support 128 independent interrupt
sources with software configurable priority and routing between the two cores
64-bit global timer with 8-bit prescaler
Accelerator coherence port (ACP)
Parity support to detect runtime failures for other internal memories
512 KB of unified 8-way set associative L2 cache with support for ECC
L2 Cache controller based on PL310 IP released by ARM
Dual asynchronous 64-bit AMBA 3 AXI interface with possible filtering on the second
one to use a single port for DDR memory access
JTAG interface and Trace port: debug and trace can be inhibited through OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com