Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 200 page
background image
Device functions
SPEAr1340
12/200
Doc ID 023063 Rev 4
2.9
Giga/Fast Ethernet port (GMAC)
The GMAC IP provides the capability to transmit and receive data over Ethernet.
Main features:
Supports 10/100/1000 Mbps data transfer rates with the following PHY interfaces:
IEEE 802.3-compliant GMII/MII interface (default) to communicate with an external
Gigabit/Fast Ethernet PHY
RGMII interface to communicate with an external gigabit PHY
RMII interface (specification version 1.2 from RMII consortium) to communicate
with an external Fast Ethernet PHY (for 10/100 Mbps operations only)
Full-duplex operation:
IEEE 802.3x flow control automatic transmission of zero-quanta pause frame on
flow control input de-assertion
Optional forwarding of received pause control frames to the user application
Half-duplex operation:
CSMA/CD Protocol support
Flow control using back-pressure support
Frame bursting and frame extension in 1000 Mbps half-duplex operation
Automatic CRC and pad generation controllable on a per-frame basis
Provides options for automatic pad/CRC stripping on receive frames
Supports a variety of flexible address filtering modes, such as:
Up to 31 48-bit SA address comparison check with masks for each byte
64-bit hash filter for multicast and unicast (DA) addresses
Option to pass all multicast addressed frames
Promiscuous mode support to pass all frames without any filtering for network
monitoring
Passes all incoming packets (per filter) with a status report
Programmable frame length to support standard or jumbo Ethernet frames with up to
16 KB of size
Programmable interframe gap (IFG) (40-96 bit times in steps of 8)
Separate 32-bit status for transmit and receive packets
IEEE 802.1Q VLAN tag detection for reception frames
Self-managed DMA transfers with an internal DMA block
Separate transmission, reception, and control interfaces to the application
The host CPU uses a 32-bit AHB (AMBA 2.0) slave interface to access the GMAC
subsystem control and status registers (CSRs)
The GMAC transfers data to system memory through a 32-bit AXI (AMBA 3.0)
master interface
Support for network statistics with RMON/MIB counters (RFC2819/RFC2665)
A module for detection of LAN remote wake-up frames and AMD magic packet frames:
power management module (PMT)
A receive module for checksum off-load for received IPv4 and TCP packets
encapsulated by the Ethernet frame (Type 1)
An enhanced receive module for checking IPv4 header checksum and TCP, UDP, or
ICMP checksum encapsulated in IPv4 or IPv6 datagrams (Type 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com