Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics SPEAR1340 Datasheet HTML 38Page - STMicroelectronics SPEAR1340 Datasheet HTML 39Page - STMicroelectronics SPEAR1340 Datasheet HTML 40Page - STMicroelectronics SPEAR1340 Datasheet HTML 41Page - STMicroelectronics SPEAR1340 Datasheet HTML 42Page - STMicroelectronics SPEAR1340 Datasheet HTML 43Page - STMicroelectronics SPEAR1340 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 200 page
background image
Pin description
SPEAr1340
40/200
Doc ID 023063 Rev 4
Pin type
Pad type information
ANA= Analog
OSC= Oscillator
SSTL= SSTL 1V5/1V8
IOTYPE1= 3V3
IOTYPE2= 3V3/1V8
IOTYPE3= 3V3/2V5
IOTYPE4= 3V3 TTL buffer
REG OUT= Voltage regulator output
ANA REF= Analog reference
DED GND= Dedicated ground
PU/PD
Indicates the presence of an internal pull-up
or pull-down resistor.
Pull-up and pull-down can be enabled or
disabled via software.
PU= Pull-up
PD= Pull-down
Deact= Deactivated
Drive
Drive current capability
Slew
Signal transition
FAST= Fast slew
NOM= Nominal slew
Direction
Indicates the direction of the pad.
I= Input
O= Output
IO= Input/output
Out value
Indicates the electrical value on the ball.
0= The buffer drives VOL
1= The buffer drives VOH
H= High-impedance with an active pull-up resistor
L= High-impedance with an active pull-down
resistor
Z= High-impedance
Supply name
The voltage supply that powers the pad.
See Table 4: Power supply signals
description.
Reset state
Indicates the state during reset
Reset rel. state Indicates the state after reset
Reset mode
IO voltage setting during reset
Reset rel.
mode
IO voltage setting after reset
Compensation
cell
Compensation cell for reducing the spread
of PVT (process, voltage and temperature)
related parameters of the I/O pad. The
compensation values are programmable in
the registers of the related cell.
CC1= IO_COMP1_3V3
CC2= IO_COMP2_3V3
CC3= IO_COMP1_1V8_3V3
CC4= IO_COMP2_1V8_3V3
CC5= IO_COMP_2V5_3V3
CC6= IO_COMP_DDR
Table 2.
Headers/abbreviations (continued)
Header
Description
Abbreviations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com