Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 87Page - STMicroelectronics SPEAR1340 Datasheet HTML 88Page - STMicroelectronics SPEAR1340 Datasheet HTML 89Page - STMicroelectronics SPEAR1340 Datasheet HTML 90Page - STMicroelectronics SPEAR1340 Datasheet HTML 91Page - STMicroelectronics SPEAR1340 Datasheet HTML 92Page - STMicroelectronics SPEAR1340 Datasheet HTML 93Page - STMicroelectronics SPEAR1340 Datasheet HTML 94Page - STMicroelectronics SPEAR1340 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
91/200
IO_VDD1V8_3V3
IOTYPE2 IO power supply
F8 F9
PWR
IO_VDD1V8_3V3_1
IOTYPE2 IO power supply
F11 F12
PWR
IO_VDD2V5_3V3
IOTYPE3 IO power supply
L23 N23 R23 T24 P24
PWR
IO_VDD3V3
IOTYPE1 & IOTYPE4 IO power
supply
F14 F15 F17 F18 F20
F21 F23 G23 J23 W23
AA23 AC23 AC19
AC17 AC15 U23
PWR
MCLK_AVDD1V2
Master clock oscillator power
supply
B7
PWR
MCLK_AVDD3V3
Master clock oscillator power
supply
B8
PWR
MIPHY0_REF
MIPHY analog reference
R1
IO
ANA
REF
MIPHY0_VDD2PLL2V5
MIPHY PLL power supply
P3
PWR
MIPHY0_VDDPLL1V2
MIPHY PLL power supply
N2
PWR
MIPHY0_VDDR1V2
MIPHY receiver power supply
L3
PWR
MIPHY0_VDDT1V2
MIPHY transmitter power
supply
N1
PWR
MIPHY0_VREG_3V3_IN
MIPHY voltage regulator power
supply
R5
PWR
MIPHY0_VSSPLL
MIPHY PLL ground
P4
GND
MIPHY0_VSSR
MIPHY receiver ground
J1 J2 K3 L1 L2 M3 R3
GND
MIPHY0_VSST
MIPHY transmitter ground
N3
GND
OTP_VDD2V5
OTP antifuses power supply
U19
PWR
PLL1_AVDD2V5
PLL1 power supply
E6
PWR
PLL1_VDD1V2
PLL1 power supply
D6
PWR
PLL2_AVDD2V5
PLL2 power supply
E4
PWR
PLL2_VDD1V2
PLL2 power supply
D4
PWR
PLL3_AVDD2V5
PLL3 power supply
N5
PWR
PLL3_VDD1V2
PLL3 power supply
P6
PWR
RTC_VDD1V5
Real time clock power supply
C1
PWR
Table 4.
Power supply signals description (continued)
Pin name
Description
Ball
Signal type Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com