Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics SPEAR1340 Datasheet HTML 17Page - STMicroelectronics SPEAR1340 Datasheet HTML 18Page - STMicroelectronics SPEAR1340 Datasheet HTML 19Page - STMicroelectronics SPEAR1340 Datasheet HTML 20Page - STMicroelectronics SPEAR1340 Datasheet HTML 21Page - STMicroelectronics SPEAR1340 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 200 page
background image
Device functions
SPEAr1340
18/200
Doc ID 023063 Rev 4
2.13
Memory card interfaces (MCIF)
MCIF is a hardware IP that interfaces with the most common memory cards on the market:
SD/SDIO 2.0
SDHC
CF/CF+ Rev 4.1
MMC 4.2/4.3
xD
The device interface multiplexes different memory cards on the same IOs; only one memory
card is accessible at a given time. At the board level, discrete elements are required to
handle host-swap management.
Main features:
SD/SDIO/MMC controller
Compliant with:
SD Host controller standard specification version 2.0
SDIO card specification version 2.0
SD memory card specification draft version 2.0
SD memory card security specification version 1.01
MMC specification version 3.31, 4.2 and 4.3
AMBA specification AHB (version 2.0)
Data transfer with the system core through:
PIO mode on the Host AHB slave interface
DMA mode on the Host AHB master interface
Host clock rate variable from 0 to 50 MHz
Maximum data rate achievable:
200 Mbps (sd4 bit mode)
400 Mbps (mmc8 bit mode)
Data transfer:
SD mode: 1 bit, 4 bit, and SPI mode
MMC mode: 1 bit, 4 bit, 8 bit, and SPI mode
Cyclic redundancy check for commands (CRC7) and for data integrity (CRC16)
Variable length data transfer
Read wait control and suspend/resume operations supported
Works with IO cards, read-only cards and read/write cards
Supports MMC Plus and MMC Mobile
Error correction code support for MMC 4.3 cards
Card detection (insertion/removal)
Card password protection
Two 4K FIFO to aid data transfer between the CPU and the controller
FIFO overrun and underrun handled by stopping the SD clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com