Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 19Page - STMicroelectronics SPEAR1340 Datasheet HTML 20Page - STMicroelectronics SPEAR1340 Datasheet HTML 21Page - STMicroelectronics SPEAR1340 Datasheet HTML 22Page - STMicroelectronics SPEAR1340 Datasheet HTML 23Page - STMicroelectronics SPEAR1340 Datasheet HTML 24Page - STMicroelectronics SPEAR1340 Datasheet HTML 25Page - STMicroelectronics SPEAR1340 Datasheet HTML 26Page - STMicroelectronics SPEAR1340 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
23/200
2.19
General purpose I/O (GPIO/XGPIO)
SPEAr1340 handles generic input/outputs in 3 ways. First, the device integrates 2 instances
of a general purpose I/O (GPIO) digital block, identified as GPIOA and GPIOB. Second, an
extended GPIO (XGPIO) feature is provided. Finally, it is possible to use the KBD controller
in GPIO mode (this feature is documented in Section 2.28: Keyboard controller (KBD)).
The GPIO block provides 16 programmable inputs or outputs (8 for GPIOA and 8 for
GPIOB). Each input/output can be controlled by software.
GPIO main features:
16 individually programmable input/output pins (by default input at reset)
An APB slave acting as control interface in software mode
Programmable interrupt generation capability on any number of pins
Bit masking in both read and writes operation through address lines
The XGPIOs are individually programmable input/output pins (by default output) that can be
controlled through an AHB slave interface.
XGPIO main features:
234 individually programmable input/output pins: XGPIO0 to XGPIO7, and XGPIO24 to
XGPIO249 (by default output). There is just an exception for the bit XGPIO169 which is
always an output.
Programmable interrupt (rise or fall edge sensitive) generation on any number of pins
An AHB slave interface as control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com