Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 23Page - STMicroelectronics SPEAR1340 Datasheet HTML 24Page - STMicroelectronics SPEAR1340 Datasheet HTML 25Page - STMicroelectronics SPEAR1340 Datasheet HTML 26Page - STMicroelectronics SPEAR1340 Datasheet HTML 27Page - STMicroelectronics SPEAR1340 Datasheet HTML 28Page - STMicroelectronics SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics SPEAR1340 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
27/200
Supported post-processing features:
Input image source
Internal source (combined mode): G1decoder
External source (standalone mode): for example, a software decoder or camera
interface
Input image size
Combined mode: 48 x 48 to 8176 x 8176 (66.8 Mpixels)
Standalone mode: width from 48 to 8176, height from 48 to 8176 (maximum size
limited to 16.7 Mpixels)
Output image size
16 x 16 to 1920 x 1088
Image scaling
Bicubic polynomial interpolation for upscaling
Proprietary averaging filter for downscaling
Arbitrary, non-integer scaling ratio separately for both dimensions
YCbCr to RGB color conversion
BT.601-5 compliant
BT.709 compliant
User definable conversion coefficient
Dithering
2x2 ordered spatial dithering for 4-, 5- and 6-bit RGB channel precision
Alpha blending
Output image can be alpha blended with two rectangular areas
Deinterlacing
Conditional spatial deinterlace filtering; supports only YCbCr 4:2:0 input format
linear RGB image contrast, brightness and color saturation adjustment
Deblocking filter for MPEG-4 simple profile /H.263 / Sorenson
Using a modified H.264 in-loop filter as a postprocessing filter; filtering has to be
performed in combined mode.
Image cropping / digital zoom
User definable start position, height and width
Usable only for JPEG or stand-alone mode
Output image masking
Image rotation
Rotation 90, 180 or 270 degrees
Horizontal/vertical flip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com