Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 64Page - STMicroelectronics SPEAR1340 Datasheet HTML 65Page - STMicroelectronics SPEAR1340 Datasheet HTML 66Page - STMicroelectronics SPEAR1340 Datasheet HTML 67Page - STMicroelectronics SPEAR1340 Datasheet HTML 68Page - STMicroelectronics SPEAR1340 Datasheet HTML 69Page - STMicroelectronics SPEAR1340 Datasheet HTML 70Page - STMicroelectronics SPEAR1340 Datasheet HTML 71Page - STMicroelectronics SPEAR1340 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 200 page
background image
N24
MAC_RXD3
XGPIO119
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
N25
MAC_RXD4
XGPIO120
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
N26
MAC_RXD5
XGPIO121
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
N27
MAC_MDC
XGPIO122
O
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
N28
MAC_MDIO
XGPIO123
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
M24
MAC_RXD6
XGPIO124
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
M25
MAC_RXD7
XGPIO125
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
M26
MAC_COL
XGPIO126
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
M27
MAC_RXDV
XGPIO127
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
M28
MAC_RXER
XGPIO128
I
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
L24
MAC_TXEN
XGPIO129
O
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
L25
MAC_TXER
XGPIO130
O
IO
IOTYPE3
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD2V5_3
V3
I
na
PU
6ma
FAST
2V5
STRAP6
CC5
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com