Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 26Page - STMicroelectronics SPEAR1340 Datasheet HTML 27Page - STMicroelectronics SPEAR1340 Datasheet HTML 28Page - STMicroelectronics SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics SPEAR1340 Datasheet HTML 31Page - STMicroelectronics SPEAR1340 Datasheet HTML 32Page - STMicroelectronics SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 200 page
background image
Device functions
SPEAr1340
30/200
Doc ID 023063 Rev 4
2.26
I2S digital audio ports (I2S)
The I2S controller is a highly configurable IP for use in audio applications. It provides a
simple interface to standard audio components.
Main features:
Compliant to Philips I2S serial bus specifications
I2S master for output operations and I2S slave for input operations
Configurable number of stereo channels (up to 4) for both transmitter and receiver
Supports up to 7.1 audio Tx and Rx
Supports 12-/16-/20-/24-/32-bit audio data interface
Fully synchronous design with serial clock and system clock
Interrupt support for reporting FIFO and other conditions
Programmable FIFO thresholds
Supports data exchange to the system memory through DMA interface
Software controlled block resets and enables
Software controlled FIFO flush
2.27
S/PDIF digital audio port
The S/PDIF audio interface detects bi-phase encoded S/PDIF signals, and plays PCM audio
data or audio encoded bit streams stored in memory in the S/PDIF format.
Main features:
Input
Fully compliant with IEC-60958 for audio data
Supports typical audio sampling frequencies, such as 32, 44.1, 48, 96, and 192 kHz.
Programmable DMA trigger threshold
VUCP storage can optionally be disabled
Audio data can be stored in bit lengths of 16 to 24 bits
Output
Compliant with IEC-60958 for audio data and IEC-61937 for compressed audio data
Supports typical audio sampling frequencies such as 32, 44.1, 48, 96, and 192 kHz
Supports one-bit audio mode (HDMI)
Supports DTS-HD mode
Programmable system DMA trigger limit
Programmable VUCP insertion
Supports 16/0 or 16/16 audio data format in memory
2.28
Keyboard controller (KBD)
The GPIO keyboard controller integrated in SPEAr1340 offers a 3-mode input and output
port. It provides an12-bit GPIO, or 6x6 keyboard, or 2x2 keyboard plus 8-bit GPIO, and
offers an interface to the industry standard APB bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com