Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 27Page - STMicroelectronics SPEAR1340 Datasheet HTML 28Page - STMicroelectronics SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics SPEAR1340 Datasheet HTML 31Page - STMicroelectronics SPEAR1340 Datasheet HTML 32Page - STMicroelectronics SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
31/200
Main features:
AMBA APB interface
GPIO or keyboard functionality with selection of any one of the two keyboard matrices:
12-bit general purpose parallel port (GPIO) with input or output single pin
programmability
36 (6x6) keys keyboard
4 (2x2) key keyboard plus 8-bit GPIO with input or output single pin
programmability
2.29
Cryptographic co-processor (C3)
C3 is a multipurpose, instruction driven, programmable DMA-based co-processor. It is
configured to accelerate cryptographic and network security functions.
Main features:
AMBA AHB 2.0 master and slave interfaces
Scatter and gather DMA engine (implemented only by MPCM channel)
Instruction dispatchers
ID0 and ID1 available
ID2 and ID3 not available
Internal RAM: 4Kx32
Coupling/Chaining: 2 paths
The hardware accelerator crypto algorithms available in SPEAr1340 have the following
channels supported by mentioned operations:
Channel 0: Move channel
Supported operations: copy, AND, OR, XOR
Chained mode: either master or slave
Cascaded mode: both master and slave
Input FIFO: 8x32 bits
Output FIFO: 8x32 bits
Channel 1: Data encryption standard (DES and TripleDES)
ID: 0x00002001
Supported algorithms: DES (56-bit keys, ECB and CBC encryption/decryption, no
parity check) and TripleDES (168-bit keys, ECB and CBC encryption/decryption,
EncDecEnc)
Input FIFO: 16x32 bits
Output FIFO: 16x32 bits
Channel 2: MPCM for the advanced encryption standard (AES)
ID: 0x0000E000
Supported algorithms: AES (128-, 192-, 256-bit keys, ECB and CBC
encryption/decryption, with programmable operation modes to support almost all
possible modes, including Counter and XTS mode)
Memory for modes of operation: 512 words of 62 bits each
Input FIFO: 16x32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com