Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 24Page - STMicroelectronics SPEAR1340 Datasheet HTML 25Page - STMicroelectronics SPEAR1340 Datasheet HTML 26Page - STMicroelectronics SPEAR1340 Datasheet HTML 27Page - STMicroelectronics SPEAR1340 Datasheet HTML 28Page - STMicroelectronics SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics SPEAR1340 Datasheet HTML 31Page - STMicroelectronics SPEAR1340 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 200 page
background image
Device functions
SPEAr1340
28/200
Doc ID 023063 Rev 4
2.23
Video encoder (VENC)
A multiformat video encoder is integrated in SPEAr1340 with 64-bit AXI master and 32-bit
AHB slave interfaces. It supports H.264 high profile video resolution up to 1080p and JPEG
still picture up to 64 Mpixel.
Main features:
H.264 profile and level
Baseline, main and high profiles, levels 1- 4.0
JPEG profile and level
Baseline (DCT sequential)
Video stabilization
I and P slices support
CAVLC baseline and CABAC main profile
Error resilience
Constrained intra prediction
Slices, multiple of macro blocks rows
Maximum motion vector length
Vertical ±14 pixels
Horizontal ±30pixels
12 intra prediction modes
Motion vector pixel accuracy
720p resolution ¼ pixels
1080p resolution ½ pixels
Macroblock and sub-macroblock partitions: 16x16, 8x16, 16x8, 8x8, 4x8, 8x4,4x4
Transforms 4x4 baseline, main and high profiles
1 reference frame support
Maximum 1 slice group support
Input data formats
Planar YCbCr 4:2:0, semiplanar YCbCr 4:2:0, interleaved YCbCr 4:2:2
Output data formats
H.264 (Byte and NAL unit stream)
JPEG( JFIF file format 1.02 and non progressive JPEG)
Supported image size
H.264: 96x96 to1920x1020
JPEG: 96x96 to 8192x8192
Step size 4 pixels
Pre-processing features
YCbCr 4:2:2 to YCbCr 4:2:0 color space conversion for all YCbCr input formats
Cropping from 8192 x 8192 to any supported encoding size
Rotation of 90 or 270 degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com