Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 5Page - STMicroelectronics SPEAR1340 Datasheet HTML 6Page - STMicroelectronics SPEAR1340 Datasheet HTML 7Page - STMicroelectronics SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
9/200
2.4
Multiport DDR controller (MPMC)
MPMC is a high-performance multichannel memory controller able to support DDR2 and
DDR3 memory devices. The multiport architecture ensures that memory is shared efficiently
among different high-bandwidth client modules.
Main features:
●
Supports both DDR3 and DDR2 devices; wide range of memory device cuts supported
up to 2 GB (Note: 1)
●
Two chip selects supported
●
Programmable memory data path size of full memory 32-bit data width or half memory
16-bit data width
●
Clock frequencies from 100 MHz to 533 MHz supported
●
6 AXI interfaces with a data interface width of 64 bits. Each port is configured with a
thread ID of 4 bits
●
Exclusive and locked accesses support
●
Weighted round-robin arbitration scheme support to ensure high memory bandwidth
utilization
●
DRAM command processing
●
Register port with an AHB interface with a data interface width of 32 bits
●
A programmable register interface to control memory device parameters and protocols
including auto pre-charge
●
Full initialization of memory on memory controller reset
●
Automatically maps user addresses to the DRAM memory in a contiguous block
addressing starts at user address 0 and ends at the highest available address
according to the size and number of DRAM devices present
●
Fully pipelined command, read and write data interfaces to the memory controller
●
Advanced bank look-ahead features for high memory throughput
Note:
1
When the 2GB address space is enabled, the ACP function is not available.
2.5
Serial NOR Flash controller (SMI)
The serial NOR Flash controller integrated in SPEAr1340 acts as an AHB slave interface
(32-, 16- or 8-bit) to SPI-compatible off-chip memories. SMI allows the CPU to use these
serial memories either as data storage or for code execution.
Main features:
●
Supports a group of SPI-compatible Flash and EEPROM devices
●
Acts always as an SPI master and up to 2 SPI slave memory devices are supported
(through as many chip select signals), with up to 16 MB address space each.
●
The SMI clock signal (smi_clk_o) is generated by SMI (and inputs to all slaves) using a
clock provided by the AHB bus
●
smi_clk_o can be controlled by a programmable 7-bit prescaler allowing 127 different
clock frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com