Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics SPEAR1340 Datasheet HTML 17Page - STMicroelectronics SPEAR1340 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 200 page
background image
Device functions
SPEAr1340
14/200
Doc ID 023063 Rev 4
Byte-aligned addressing for data buffer support
Dual-buffer (ring) or linked-list (chained) descriptor chaining
Descriptor architecture that allows large blocks of data transfer with minimum CPU
intervention
Comprehensive status reporting for normal operation and transfers with errors
Individual programmable burst size for transmit and receive DMA engines for optimal
host bus utilization
Programmable interrupt options for different operational conditions
Complete per-frame transmit/receive interrupt control
Round-robin or fixed-priority arbitration between receive and transmit engines
Start/stop modes
Separate ports for host CSR access and host data interface
The GMAC audio video (AV) enables transmission of time-sensitive traffic over bridged
local area networks (LANs). The GMAC AV has the following features:
Compliant to IEEE 802.1-AS standard, version D6.0: specifies the protocol and
procedures used to ensure that the synchronization requirements are met for time-
sensitive applications
Compliant to IEEE 802.1-Qav standard, version D6.0: allows the bridges to provide
time-sensitive and loss-sensitive real-time audio video data transmission (AV traffic). It
specifies the priority regeneration and controlled bandwidth queue draining algorithms
that are used in bridges and AV traffic sources
Supports one additional channel (channel 1) on the transmit and receive paths for AV
traffic in 100 Mbps and 1000 Mbps modes. The channel 0 is available by default and
carries the legacy best-effort Ethernet traffic on the transmit side.
Supports IEEE 802.1-Qav specified credit-based shaper (CBS) algorithm for the
additional transmit channels
Provides separate DMA, TxFIFO, and RxFIFO MTL for the additional channel (to avoid
“head of line blocking” issues); the system-side interface remains the same.
The GMAC has the following additional features for monitoring, testing, and debugging:
Supports internal loopback on the GMII/MII for debugging
Provides DMA states (Tx and Rx) as status bits
Provides debug status register that gives status of FSMs in transmit and receive data-
paths and FIFO fill-levels
Application abort status bits
MMC (RMON) module in the GMAC core
Current Tx/Rx buffer pointer as status registers
Current Tx/Rx descriptor pointer as status registers
Statistical counters that help in calculating the bandwidth served by each transmit
channel when AV support is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com