Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 6Page - STMicroelectronics SPEAR1340 Datasheet HTML 7Page - STMicroelectronics SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 200 page
background image
Device functions
SPEAr1340
10/200
Doc ID 023063 Rev 4
2.6
Flexible static memory controller (FSMC)
The flexible static memory controller enables to interface external parallel Flash memories
as well as static RAMs.
Main features:
●
Support for parallel NAND Flash:
–
8-bit or 16-bit data bus
–
2 chip select signals
–
no limitation on NAND capacity (number of pages)
–
hardware ECC (error correction code) support, correcting up to 8 errors per page
(512 bytes wide)
–
support for SLC (single-level cell) and MLC (multi-level cell) Flash devices, as far
as compatible with available ECC features
●
Support for parallel NOR Flash:
–
8-bit or 16-bit data bus
–
26-bit address bus
–
2 chip select (CS) signals
–
Maximum capacity is 64 MB for each CS, hence up to 128 MB with 2 external
Flash devices
●
Support for asynchronous static RAMs (SRAMs):
–
8-bit or 16-bit data bus
–
26-bit address bus
–
2 chip select (CS) signals
–
Maximum capacity is 64 MB for each CS, hence up to 128 MB with 2 external
SRAM devices
●
Support for multiplexed NOR and SRAM
●
Write FIFO: 16 words depth, each word is 32 bits wide
●
Independent read/write timings and protocol, allowing matching the widest variety of
memories and timings
●
Wait signal for timings handshake



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com