Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 1 Page - STMicroelectronics

  SPEAR1340 Datasheet HTML 1Page - STMicroelectronics SPEAR1340 Datasheet HTML 2Page - STMicroelectronics SPEAR1340 Datasheet HTML 3Page - STMicroelectronics SPEAR1340 Datasheet HTML 4Page - STMicroelectronics SPEAR1340 Datasheet HTML 5Page - STMicroelectronics SPEAR1340 Datasheet HTML 6Page - STMicroelectronics SPEAR1340 Datasheet HTML 7Page - STMicroelectronics SPEAR1340 Datasheet HTML 8Page - STMicroelectronics SPEAR1340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 200 page
background image
October 2012
Doc ID 023063 Rev 4
1/200
1
SPEAr1340
Dual-core Cortex A9 HMI embedded MPU
Datasheet
preliminary data
Features
CPU subsystem:
– 2x ARM Cortex A9 cores, up to 600 MHz
– 32+32 KB L1 caches per core, with parity
check
– Shared 512 KB L2 cache
– Accelerator coherence port (ACP)
Network-on-chip bus matrix, up to 166 MHz
32 KB Boot ROM, 32+4 KB Static RAMs
Memory interfaces:
– DDR controller (DDR3-1066, DDR2-1066
@533MHz), 16-/32-bit, up to 2 GB address
space
– Serial NOR Flash controller
– Parallel NAND Flash/NOR Flash/SRAM
controller
Connectivity:
– 2 x USB 2.0 Host ports (integrated PHY)
– 1 x USB 2.0 OTG port (integrated PHY)
– 1 x Giga/Fast Ethernet port (external GMII/
RGMII/MII/RMII PHY)
– 1 x PCIe 2.0 RC/EP port (integrated PHY)
– 1 x 3Gb/s Serial ATA Host port (integrated
PHY)
– 1 x memory card interface: SD/SDIO/MMC,
CF/CF+, xD
– 2 x UART ports, with IrDA option
– 2 x I2C bus controllers, master/slave
– 1 x synchronous serial port,
SPI/Microwire/TI protocols, master/slave
– 2 x consumer electronic control (HDMI
CEC) ports
– 10-bit ADC: 8 ch. 1 Msps, with autoscan
– Programmable bidirectional GPIO signals
with interrupt capability
HMI support:
– LCD display controller, incl.support for Full
HD, 1920 x 1080, 60 Hz, 24 bpp
– High-perf. 2D/3D GPU, up to 1080p
– Hardware video decoder: multistandard up
to 1080p, JPEG
– Hardware video encoder: H.264 up to
1080p, JPEG
– Video input parallel port, with alternate
configuration for 4 x camera interfaces
– Digital audio ports: up to 7.1 multichannel
surround, I2S (8 in, 8 out) and S/PDIF
– 6 x 6 keyboard controller
– Resistive touchscreen interface
Security:
– C3 cryptographic accelerator
– Secure boot support
– JTAG disable option
Miscellaneous functions:
– Energy saving: power islands, clock gating,
dynamic frequency scaling
– 2 x DMA controllers (total 16 channels)
– 11 x general purpose timers, 2 x watchdogs,
1 x real-time clock
– 4 x PWM generators
– Embedded sensor for junction temperature
monitoring
– OTP (one-time programmable) bits
– Debug and trace interfaces: JTAG/PTM
Table 1.
Device summary
Order code
Temp.
range,
°C
Package
Packing
SPEAr1340-2
-40 to 85
PBGA
(23x23mm,
pitch 0.8mm)
Tray
PBGA (23 x 23 mm)
www.st.com


Similar Part No. - SPEAR1340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
More results

Similar Description - SPEAR1340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
logo
Axiomtek Co., Ltd.
SCM120 AXIOMTEK-SCM120 Datasheet
371Kb / 1P
Ultra Low Power Consumption Cortex-A9
logo
AAEON Technology
BOXER-6421-A1-1010 AAEON-BOXER-6421-A1-1010 Datasheet
218Kb / 2P
Compact Embedded Box PC with Freescale Cortex-A9 iMX6 1.0 GHz Processor
logo
NXP Semiconductors
SCMIMX6DQIEC NXP-SCMIMX6DQIEC Datasheet
1Mb / 32P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 01/2017
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Advantech Co., Ltd.
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
logo
BCM Advanced Research.
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR6MXQ BCM-AR6MXQ Datasheet
671Kb / 1P
Freescale® i.MX6 Cortex A9 Quad Core Full Feature ARM Motherboard (SBC)
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
AR6MXS-DEV BCM-AR6MXS-DEV Datasheet
257Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo Core Development Kit
2/17/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com