Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 92 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 88Page - STMicroelectronics SPEAR1340 Datasheet HTML 89Page - STMicroelectronics SPEAR1340 Datasheet HTML 90Page - STMicroelectronics SPEAR1340 Datasheet HTML 91Page - STMicroelectronics SPEAR1340 Datasheet HTML 92Page - STMicroelectronics SPEAR1340 Datasheet HTML 93Page - STMicroelectronics SPEAR1340 Datasheet HTML 94Page - STMicroelectronics SPEAR1340 Datasheet HTML 95Page - STMicroelectronics SPEAR1340 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 200 page
background image
Pin description
SPEAr1340
92/200
Doc ID 023063 Rev 4
USB_TXRTUNE
USB PHY analog reference
G1
IO
ANA
REF
USB_UHC0_VDD1V2
USB PHY Host 0 power supply
K4
PWR
USB_UHC0_VDD2V5
USB PHY Host 0 power supply
J4
PWR
USB_UHC0_VDD3V3
USB PHY Host 0 power supply
J3
PWR
USB_UHC1_VDD1V2
USB PHY Host 1 power supply
E2
PWR
USB_UHC1_VDD2V5
USB PHY Host 1 power supply
E3
PWR
USB_UHC1_VDD3V3
USB PHY Host 1 power supply
D3
PWR
USB_UOC_VDD1V2
USB PHY OTG power supply
H4
PWR
USB_UOC_VDD2V5
USB PHY OTG power supply
G3
PWR
USB_UOC_VDD3V3
USB PHY OTG power supply
G2
PWR
USB_VSSAC
USB PHY ground
H3
GND
VDD1V2
Core power supply
K13 K17 L10 L12 L14
L16 L18 M11 M17 M19
N10 N12 N18 P11 P17
R10 R12 R18 T11 T17
T19 U18 V15 V17 V19
W14 W16 W18 M4
PWR
VREG1_2V5_OUT
Voltage regulator 1 output
M6
O
REG
OUT
VREG1_3V3_IN
Voltage regulator 1 power
supply
K6
PWR
VREG2_2V5_OUT
Voltage regulator 2 output
F6
O
REG
OUT
Table 4.
Power supply signals description (continued)
Pin name
Description
Ball
Signal type Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com