Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics SPEAR1340 Datasheet HTML 17Page - STMicroelectronics SPEAR1340 Datasheet HTML 18Page - STMicroelectronics SPEAR1340 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
15/200
2.10
PCI Express controller (PCIe)
The PCI Express core incorporates a dual-mode (DM) core which can implement a PCIe
interface for a PCIe Root Complex (RC) or Endpoint (EP). The dual-mode core can operate
in EP or RC port modes, depending on value written in a register during PCIe configuration.
PCIe is compliant with the PCI Express Base 2.0 specification, but it is also compliant with
the PCIe 1.1 specification.
The core features a proprietary user-configurable and high-performance application
interface for generating and receiving PCIe traffic. It is available with standard AMBA 3 AXI
interfaces.
Typical applications for a PCI Express device built with the DM core include:
Motherboard components for desktop and mobile computers
Graphics devices
Add-in cards for desktop and mobile computers
Components and add-in cards in server applications
Embedded applications
Data communications equipment
Telecommunications equipment
Storage devices
Wireless devices
Other applications
The DM core in EP mode supports PCI Express Legacy Endpoint devices. However, the
application must ensure that the device obeys the Legacy Endpoint device rules defined in
the PCI Express Base 2.0 specification.
Note:
The core is not intended for use in a root complex integrated endpoint.
Main features (common to both EP and RC mode of the DM cores):
Support for all non-optional features and some optional features defined in the PCI
Express Base 2.0 specification.
Ultra low transmit and receive latency
Support a max payload size of 256 bytes
4 KB maximum request size
Very high accessible bandwidth
Support for both Gen1 (at 125 MHz) and Gen2 (at 250 MHz) operation
2.5 Gbps (Gen1) or 5.0 Gbps (gen2) Lane (x1)
Automatic lane reversal as specified in the PCI Express 2.0 specification (transmit and
receive)
Polarity inversion on receive
Multiple virtual channels (VCs) (maximum of 2)
Multiple traffic classes (TCs)
ECRC generation and checking
PCI Express beacon and wake-up mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com