Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 28Page - STMicroelectronics SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics SPEAR1340 Datasheet HTML 31Page - STMicroelectronics SPEAR1340 Datasheet HTML 32Page - STMicroelectronics SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 200 page
background image
Device functions
SPEAr1340
32/200
Doc ID 023063 Rev 4
Output FIFO: 16x32 bits
Read scatter/gather list: 4x32 bits
Write scatter/gather list: 4x32 bits
Channel 3: Unified hash with HMAC (UHH)
ID: 0x00004014
Supported algorithms: HMAC MD5 (hash with 128-bit digest), HMAC SHA1 (hash
with 160-bit digest) and HMAC SHA2 (SHA256 and SHA224 with 256- and 224-bit
digest respectively)
Input FIFO: 16x32 bits
Output FIFO: 8x32 bits
Channel 4: Unified hash 2 with HMAC (UHH2)
ID: 0x00011001
Supported algorithms: HMAC SHA384 (hash with 384-bit digest) and HMAC
SHA512 (hash with 512-bit digest)
Input FIFO: 16x32 bits
Output FIFO: 8x32 bits
Channel 5: Public key accelerator (PKA) v6
ID: 0x00006001
Supported algorithms: modular exponentiation for RSA and Diffie-Hellman (up to
2048 bits), scalar multiplication of elliptic curve points over prime fields for ECC
(up to 384 bits) and Montgomery’s parameter for finite field operations
Input FIFO: 8x32 bits
Output FIFO: 8x32 bits
Channel 6: Random number generator (RNG)
ID: 0x0000F000
Generates a sequence of true random numbers, based on a contiguous analog
oscillator; the sequence has a success ratio of more than 85 % for 20.000 bits,
according to FIPS 140-1 tests
Monitors the entropy of the generated sequence
Input FIFO: 2x32 bits
Output FIFO: 4x32 bits
Channel 7: empty
2.30
Real-time clock (RTC)
The RTC is a block that keeps track of the real time of day. It also functions as an alarm and
a calendar. The time is displayed in 24-hour format, and time/calendar values are stored in
binary-coded decimal format.
The time of day, alarm and calendar, status and control registers can all be accessed via a
standard 32 APB bus. All read/write operations last 2 cycles.
RTC provides a self-isolation mode that is activated during power down. This allows RTC to
continue its operation (except for the alarm interrupt feature that is not preserved) if power is
not supplied to the rest of the circuit. This feature is realized by supplying separate power
and clock connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com