Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 57Page - STMicroelectronics SPEAR1340 Datasheet HTML 58Page - STMicroelectronics SPEAR1340 Datasheet HTML 59Page - STMicroelectronics SPEAR1340 Datasheet HTML 60Page - STMicroelectronics SPEAR1340 Datasheet HTML 61Page - STMicroelectronics SPEAR1340 Datasheet HTML 62Page - STMicroelectronics SPEAR1340 Datasheet HTML 63Page - STMicroelectronics SPEAR1340 Datasheet HTML 64Page - STMicroelectronics SPEAR1340 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 200 page
background image
AH23
VIP_G10
CAM3_DATA7
XGPIO45
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AH24
VIP_B6
CAM3_DATA5
XGPIO46
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AG24
VIP_B1
CAM3_DATA3
XGPIO47
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AF24
VIP_R6
CAM3_DATA0
XGPIO48
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AE24
VIP_R1
CAM3_VSYNC
XGPIO49
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AH25
VIP_G9
CAM3_DATA6
XGPIO50
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AG25
VIP_B7
CAM3_DATA4
XGPIO51
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AF25
XGPIO52
VIP_B0
CAM3_DATA2
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
AE25
VIP_R7
CAM3_DATA1
XGPIO53
I
I
IO
IOTYPE1
PU/
PD
4/6/8/
10mA
SLOW
/FAST
IO_VDD3V3
I
na
PU
6mA
FAST
3V3
3V3
CC1
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com