Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 189 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 185Page - STMicroelectronics SPEAR1340 Datasheet HTML 186Page - STMicroelectronics SPEAR1340 Datasheet HTML 187Page - STMicroelectronics SPEAR1340 Datasheet HTML 188Page - STMicroelectronics SPEAR1340 Datasheet HTML 189Page - STMicroelectronics SPEAR1340 Datasheet HTML 190Page - STMicroelectronics SPEAR1340 Datasheet HTML 191Page - STMicroelectronics SPEAR1340 Datasheet HTML 192Page - STMicroelectronics SPEAR1340 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 200 page
background image
SPEAr1340
Package information
Doc ID 023063 Rev 4
189/200
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 106.
PGBA (23 x 23 mm, 0.8 mm pitch) package mechanical data
Dimensions
Ref.
Databook (mm)
Drawing (mm)
Min
Typ
Max
Min
Typ
Max
A
2.06
1.80
1.93
2.06
A1
0.24
0.30
0.40
0.50
A2
0.56
0.56
A4
0.97
0.97
b
0.40
0.50
0.60
0.40
0.50
0.60
D
22.80
23.00
23.20
22.80
23.00
23.20
D1
21.60
21.60
D2
20.00
20.00
E
22.80
23.00
23.20
22.80
23.00
23.20
E1
21.60
21.60
E2
20.00
20.00
e0.8
0.8
F0.7
0.7
ddd
0.20
0.20
eee
0.25
0.25
fff
0.10
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com