Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 43 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 43 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 221 page
background image
41
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
GRM15XR71H221KA86D
GRM15XR71H331KA86D
GRM15XR71H471KA86D
GRM15XR71H681KA86D
GRM15XR71H102KA86D
GRM15XR71H152KA86D
25(
1E)
GRM15XR71E222KA86D
16(
1C)
GRM15XR71C332KA86D
GRM15XR71C472KA86D
GRM15XR71C682KA86D
GRM15XR71C103KA86D
1.0x0.5(
15)<0402>
220pF(
221)
330pF(
331)
470pF(
471)
680pF(
681)
1000pF(
102)
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
1.0
µF(105)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
10(
1A)
GRM185D71A105KE36D*
1.6x0.8(
18)<0603>
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM219R72A682KA01D
GRM21AR72A224KAC5L
GRM21AR72A334KAC5L
50(
1H)
GRM219R71H333KA01D
GRM219R71H334KA88D
25(
1E)
GRM219R71E683KA01D
GRM219R71E474KA88D
GRM219R71E684KA88D
GRM219R71E105KA88D
16(
1C)
GRM219R71C684KA01D
2.0x1.25(
21)<0805>
6800pF(
682)
33000pF(
333)
68000pF(
683)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
High Dielectric Constant Type X7R(R7)/X7T(D7) Characteristics-Low Profile
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM319R72A153KA01L
GRM31MR72A223KA01L
GRM31MR72A333KA01L
GRM31MR72A473KA01L
GRM31MR72A683KA01L
GRM319R72A104KA01D
GRM31MR72A154KA01L
GRM31MR72A224KA01L
GRM31MR72A474KA35L
GRM31MR72A684KA35L
50(
1H)
25(
1E)
16(
1C)
3.2x1.6(
31)<1206>
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
GRM31MR71H154KA01L
GRM31MR71H224KA01L
GRM319R71H334KA01D
GRM31MR71H474KA01L
GRM31MR71H684KA88L
GRM31MR71H105KA88L
GRM31MR71E225KA93L
GRM31MR71C225KA35L
GRM319D71C475KA12D*#
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GRM Series Specifications and Test Method (2).
# These Part Numbers have individual testing conditions on Durability of GRM Series Specifications and Test Methods (2). Please refer to P60.
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM32CR72A684KA01L
GRM32CR72A105KA35L
GRM32NR71H684KA01L
50(
1H)
3.2x2.5(
32)<1210>
0.68
µF(684)
1.0
µF(105)
±10%(K)
±10%(K)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com