Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 221 page
background image
18
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM0225C1C2R1WD05L
GRM0225C1C2R1BD05L
GRM0225C1C2R1CD05L
GRM0225C1C2R2WD05L
GRM0225C1C2R2BD05L
GRM0225C1C2R2CD05L
GRM0225C1C2R3WD05L
GRM0225C1C2R3BD05L
GRM0225C1C2R3CD05L
GRM0225C1C2R4WD05L
GRM0225C1C2R4BD05L
GRM0225C1C2R4CD05L
GRM0225C1C2R5WD05L
GRM0225C1C2R5BD05L
GRM0225C1C2R5CD05L
GRM0225C1C2R6WD05L
GRM0225C1C2R6BD05L
GRM0225C1C2R6CD05L
GRM0225C1C2R7WD05L
GRM0225C1C2R7BD05L
GRM0225C1C2R7CD05L
GRM0225C1C2R8WD05L
GRM0225C1C2R8BD05L
GRM0225C1C2R8CD05L
GRM0225C1C2R9WD05L
GRM0225C1C2R9BD05L
GRM0225C1C2R9CD05L
GRM0225C1C3R0WD05L
GRM0225C1C3R0BD05L
GRM0225C1C3R0CD05L
GRM0225C1C3R1WD05L
GRM0225C1C3R1BD05L
GRM0225C1C3R1CD05L
GRM0225C1C3R2WD05L
GRM0225C1C3R2BD05L
GRM0225C1C3R2CD05L
GRM0225C1C3R3WD05L
GRM0225C1C3R3BD05L
GRM0225C1C3R3CD05L
GRM0225C1C3R4WD05L
GRM0225C1C3R4BD05L
GRM0225C1C3R4CD05L
GRM0225C1C3R5WD05L
GRM0225C1C3R5BD05L
GRM0225C1C3R5CD05L
0.4x0.2(
02)<01005>
50(
1H)
GRM0335C1H2R1WD01D
GRM0335C1H2R1BD01D
GRM0335C1H2R1CD01D
GRM0335C1H2R2WD01D
GRM0335C1H2R2BD01D
GRM0335C1H2R2CD01D
GRM0335C1H2R3WD01D
GRM0335C1H2R3BD01D
GRM0335C1H2R3CD01D
GRM0335C1H2R4WD01D
GRM0335C1H2R4BD01D
GRM0335C1H2R4CD01D
GRM0335C1H2R5WD01D
GRM0335C1H2R5BD01D
GRM0335C1H2R5CD01D
GRM0335C1H2R6WD01D
GRM0335C1H2R6BD01D
GRM0335C1H2R6CD01D
GRM0335C1H2R7WD01D
GRM0335C1H2R7BD01D
GRM0335C1H2R7CD01D
GRM0335C1H2R8WD01D
GRM0335C1H2R8BD01D
GRM0335C1H2R8CD01D
GRM0335C1H2R9WD01D
GRM0335C1H2R9BD01D
GRM0335C1H2R9CD01D
GRM0335C1H3R0WD01D
GRM0335C1H3R0BD01D
GRM0335C1H3R0CD01D
GRM0335C1H3R1WD01D
GRM0335C1H3R1BD01D
GRM0335C1H3R1CD01D
GRM0335C1H3R2WD01D
GRM0335C1H3R2BD01D
GRM0335C1H3R2CD01D
GRM0335C1H3R3WD01D
GRM0335C1H3R3BD01D
GRM0335C1H3R3CD01D
GRM0335C1H3R4WD01D
GRM0335C1H3R4BD01D
GRM0335C1H3R4CD01D
GRM0335C1H3R5WD01D
GRM0335C1H3R5BD01D
GRM0335C1H3R5CD01D
0.6x0.3(
03)<0201>
50(
1H)
GRM1555C1H2R1WA01D
GRM1555C1H2R1BA01D
GRM1555C1H2R1CA01D
GRM1555C1H2R2WA01D
GRM1555C1H2R2BA01D
GRM1555C1H2R2CA01D
GRM1555C1H2R3WA01D
GRM1555C1H2R3BA01D
GRM1555C1H2R3CA01D
GRM1555C1H2R4WA01D
GRM1555C1H2R4BA01D
GRM1555C1H2R4CA01D
GRM1555C1H2R5WA01D
GRM1555C1H2R5BA01D
GRM1555C1H2R5CA01D
GRM1555C1H2R6WA01D
GRM1555C1H2R6BA01D
GRM1555C1H2R6CA01D
GRM1555C1H2R7WA01D
GRM1555C1H2R7BA01D
GRM1555C1H2R7CA01D
GRM1555C1H2R8WA01D
GRM1555C1H2R8BA01D
GRM1555C1H2R8CA01D
GRM1555C1H2R9WA01D
GRM1555C1H2R9BA01D
GRM1555C1H2R9CA01D
GRM1555C1H3R0WA01D
GRM1555C1H3R0BA01D
GRM1555C1H3R0CA01D
GRM1555C1H3R1WA01D
GRM1555C1H3R1BA01D
GRM1555C1H3R1CA01D
GRM1555C1H3R2WA01D
GRM1555C1H3R2BA01D
GRM1555C1H3R2CA01D
GRM1555C1H3R3WA01D
GRM1555C1H3R3BA01D
GRM1555C1H3R3CA01D
GRM1555C1H3R4WA01D
GRM1555C1H3R4BA01D
GRM1555C1H3R4CA01D
GRM1555C1H3R5WA01D
GRM1555C1H3R5BA01D
GRM1555C1H3R5CA01D
1.0x0.5(
15)<0402>
2.1pF(
2R1)
2.2pF(
2R2)
2.3pF(
2R3)
2.4pF(
2R4)
2.5pF(
2R5)
2.6pF(
2R6)
2.7pF(
2R7)
2.8pF(
2R8)
2.9pF(
2R9)
3.0pF(
3R0)
3.1pF(
3R1)
3.2pF(
3R2)
3.3pF(
3R3)
3.4pF(
3R4)
3.5pF(
3R5)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
Temperature Compensating Type C0G(5C) Characteristics
GRM0225C1C2R0WD05L
GRM0225C1C2R0BD05L
GRM0225C1C2R0CD05L
GRM0335C1H2R0WD01D
GRM0335C1H2R0BD01D
GRM0335C1H2R0CD01D
GRM1555C1H2R0WA01D
GRM1555C1H2R0BA01D
GRM1555C1H2R0CA01D
2.0pF(
2R0)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
GR
M
02
2
5C
1C
2R0 W
D05
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging*
(Part Number)
w
q
e r t y
u i
o !0
*GRM022: D is applicable.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com