Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 34 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 34 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 221 page
background image
32
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
GRM1887U1H102JA01D
GRM1887U1H122JA01D
GRM1887U1H152JA01D
GRM1887U1H182JA01D
GRM1887U1H222JA01D
GRM1887U1H272JA01D
GRM1887U1H332JA01D
GRM1887U1H392JA01D
GRM1887U1H472JA01D
GRM1887U1H562JA01D
GRM1887U1H682JA01D
GRM1887U1H822JA01D
GRM1887U1H103JA01D
10(
1A)
GRM1887U1A123JA01D
GRM1887U1A153JA01D
GRM1887U1A183JA01D
GRM1887U1A223JA01D
1.6x0.8(
18)<0603>
1000pF(
102)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
4700pF(
472)
5600pF(
562)
6800pF(
682)
8200pF(
822)
10000pF(
103)
12000pF(
123)
15000pF(
153)
18000pF(
183)
22000pF(
223)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
GRM2167U1H103JA01D
GRM2167U1H123JA01D
GRM2167U1H153JA01D
GRM2167U1H183JA01D
GRM2197U1H223JA01D
GRM2197U1H273JA01D
GRM21A7U1H333JA39L
GRM21B7U1H393JA01L
GRM21B7U1H473JA01L
10(
1A)
GRM2197U1A563JA01D
GRM21B7U1A683JA01L
GRM21B7U1A823JA01L
GRM21B7U1A104JA01L
50(
1H)
GRM3197U1H563JA01D
GRM31M7U1H683JA01L
GRM31M7U1H823JA01L
GRM31M7U1H104JA01L
2.0x1.25(
21)<0805>
3.2x1.6(
31)<1206>
10000pF(
103)
12000pF(
123)
15000pF(
153)
18000pF(
183)
22000pF(
223)
27000pF(
273)
33000pF(
333)
39000pF(
393)
47000pF(
473)
56000pF(
563)
68000pF(
683)
82000pF(
823)
100000pF(
104)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
Temperature Compensating Type U2J(7U) Characteristics
GR
M
18
8
7U
1H
102
J
A01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com