Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 55 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 55 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 221 page
background image
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion).
Preheat at 80 to 120
°C for 10 to 30 seconds.
After preheating, immerse in a eutectic solder solution for
2
±0.5 seconds at 230±5°C or Sn-3.0Ag-0.5Cu solder solution
for 2
±0.5 seconds at 245±5°C.
13
Solderability of
Termination
75% of the terminations are to be soldered evenly and
continuously.
Continued from the preceding page.
Continued on the following page.
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2a using a eutectic solder. Then apply a force in the
direction shown in Fig. 3a for 5
±1 sec. The soldering should be
done by the reflow method and should be conducted with care
so that the soldering is uniform and free of defects such as heat
shock.
Fig. 2a
(in mm)
12
Deflection
Appearance
No marking defects
Capacitance
Change
Within
±5% or ±0.5pF
(whichever is larger)
Within
±10%
Fig. 3a
Solder the capacitor on the test jig (glass epoxy board) in the
same manner and under the same conditions as (10).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each of 3 mutually
perpendicular directions (total of 6 hours).
11
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
Q/D.F.
30pF and over: Q
U1000
30pF and below:
Q
U400+20C
C: Nominal Capacitance (pF)
[B1, B3, R6, R7, C8]
W.V.: 100V
: 0.025 max. (C
F0.068µF)
: 0.05 max. (C
U0.068µF)
W.V.: 50/35/25V:
: 0.025 max.*
*GRM32D R7/R6/C8 1E106: 0.035 max.
W.V.: 16/10V: 0.035 max.
W.V.: 6.3/4V
: 0.05 max. (C
F3.3µF)
: 0.1 max. (C
U3.3µF)
[E4]
W.V.: 25Vmin: 0.025 max.
[F1, F5]
W.V.: 25V min.
: 0.05 max. (C
F0.1µF)
: 0.09 max. (C
U0.1µF)
W.V.: 16/10V: 0.125 max.
W.V.: 6.3V: 0.15 max.
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed: 1.0mm/sec.
Pressurize
45
45
b
a
c
100
t: 1.6mm (GRM02/03/15: t: 0.8mm)
φ4.5
a
Type
0.2
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
b
0.56
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
c
0.23
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
GRM02
GRM03
GRM15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
53
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com