Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 69 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 69 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 221 page
background image
67
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
50(
1H)
100(
2A)
50(
1H)
GNM1M25C1H100KD01D
GNM1M25C1H150KD01D
GNM1M25C1H220KD01D
GNM1M25C1H330KD01D
GNM1M25C1H470KD01D
GNM1M25C1H680KD01D
GNM1M25C1H101KD01D
GNM1M25C1H151KD01D
GNM1M25C1H221KD01D
GNM2145C1H100KD01D
GNM2145C1H150KD01D
GNM2145C1H220KD01D
GNM2145C1H330KD01D
GNM2145C1H470KD01D
GNM2145C1H680KD01D
GNM2145C1H101KD01D
GNM2145C1H151KD01D
GNM2145C1H221KD01D
GNM3145C2A100KD01D
GNM3145C2A150KD01D
GNM3145C2A220KD01D
GNM3145C2A330KD01D
GNM3145C2A470KD01D
GNM3145C2A680KD01D
GNM3145C2A101KD01D
GNM3145C2A151KD01D
GNM3145C1H100KD01D
GNM3145C1H150KD01D
GNM3145C1H220KD01D
GNM3145C1H330KD01D
GNM3145C1H470KD01D
GNM3145C1H680KD01D
GNM3145C1H101KD01D
GNM3145C1H151KD01D
GNM3145C1H221KD01D
GNM3145C1H331KD01D
1.37x1.0(
1M)<0504>
2.0x1.25(
21)<0805>
Number of Elements
2(
2)4(4)
3.2x1.6(
31)<1206>
10pF(
100)
15pF(
150)
22pF(
220)
33pF(
330)
47pF(
470)
68pF(
680)
100pF(
101)
150pF(
151)
220pF(
221)
330pF(
331)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
Temperature Compensating Type C0G(5C) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
Number of Elements
2(
2)
25(
1E)
16(
1C)
GNM1M2R71H102MA01D
GNM1M2R71E222MA01D
GNM1M2R71E472MA01D
GNM1M2R71E103MA01D
GNM1M2R71C223MA01D
GNM1M2R71C473MA01D
GNM1M2R71C104MA01D
1.37x1.0(
1M)<0504>
1000pF(
102)
2200pF(
222)
4700pF(
472)
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
Number of Elements
4(
4)
25(
1E)
16(
1C)
GNM214R71H471MA01D
GNM214R71H102MA01D
GNM214R71E222MA01D
GNM214R71E472MA01D
GNM214R71E103MA01D
GNM214R71C223MA01D
GNM214R71C473MA01D
GNM214R71C104MA01D
2.0x1.25(
21)<0805>
470pF(
471)
1000pF(
102)
2200pF(
222)
4700pF(
472)
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
10(
1A)
GNM1M2R71A223MA01D
GNM1M2R71A473MA01D
GNM1M2C71A104MA01D
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
Number of Elements
4(
4)
25(
1E)
16(
1C)
6.3(
0J)
GNM314R71H473MA11D
GNM314R71H104MA11D
GNM314R71E104MA11D
GNM314R71C473MA01L
GNM314R71C104MA01L
GNM314R70J105MA01L
3.2x1.6(
31)<1206>
47000pF(
473)
0.10
µF(104)
1.0
µF(105)
±20%(M)
±20%(M)
±20%(M)
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GNM series Specifications and Test Method (2).
High Dielectric Constant Type X7R(R7)/X7S(C7) Characteristics
GN
M
1M
2
5C
1H
100
K
D01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rNumber of Elements
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com