Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 87 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 87 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 221 page
background image
Preheat the capacitor at 120 to 150
°C for 1 minute. Immerse
the capacitor in a eutectic solder or Sn-3.0Ag-0.5Cu solder
solution at 270
±5°C for 10±0.5 seconds.
Let sit at room temperature for 24
±2 hours, then measure.
• Initial measurement.
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
13
Resistance
to Soldering
Heat
Appearance
No marking defects
Capacitance
Change
R6, R7, C7, C8: Within
±7.5%
D.F.
R6, R7, C7, C8: 0.120 max.
I.R.
50
Ω · F min.
Dielectric
Strength
No failure
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion). Preheat at
80 to 120
°C for 10 to 30 seconds. After preheating, immerse in
eutectic solder solution for 2
±0.5 seconds at 230±5°C, or
Sn-3.0Ag-0.5Cu solder solution for 2
±0.5 seconds at 245±5°C.
12
Solderability of
Termination
75% of the terminations are to be soldered evenly
and continuously.
Solder the capacitor to the test jig (glass epoxy board) in
the same manner and under the same conditions as (10). The
capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each of 3 mutually
perpendicular directions (total of 6 hours).
11
Vibration
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
R6, R7, C7, C8: 0.120 max.
Solder the capacitor to the test jig (glass epoxy board) using a
eutectic solder. Then apply 10N* force in parallel with the test
jig for 10
±1 sec. The soldering should be done either with an
iron or using the reflow method and should be conducted with
care so that the soldering is uniform and free of defects such as
heat shock.
*5N (LLL15, LLL18, LLR18, LLA, LLM Series)
10
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
The capacitance change should be measured after 5 min. at
each specified temperature stage.
The ranges of capacitance change compared with the 25
°C
value over the temperature ranges shown in the table should
be within the specified ranges.
• Initial measurement.
Perform a heat treatment at 150+0/-10
°C for one hour and then
set for 24
±2 hours at room temperature. Perform the initial
measurement.
9
Capacitance
Temperature
Characteristics
8
Dissipation Factor
(D.F.)
R6, R7, C7, C8: 0.120 max.
The capacitance/D.F. should be measured at 25
°C at the
frequency and voltage shown in the table.
7
Capacitance
Within the specified tolerance
The insulation resistance should be measured with a DC voltage
not exceeding the rated voltage at 25
°C and 75%RH max. and
within 1 minute of charging.
6
Insulation
Resistance
50
Ω · F min.
No failure should be observed when 250% of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
5
Dielectric Strength
No defects or abnormalities
Using calipers
4
Dimensions
Within the specified dimension
Visual inspection
3
Appearance
No defects or abnormalities
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
2
Rated Voltage
See the previous pages.
1
Operating
Temperature
Range
R6: –55 to +85
°C
R7, C7: –55 to +125
°C
C8: –55 to +105
°C
No.
Test Method
Specifications
Item
Continued on the following page.
Temp. Range
(
°C)
Char.
–55 to +85
–55 to +125
–55 to +125
–55 to +105
Reference
Temp.
25
°C
Cap. Change
Within
±15%
Within
±15%
Within
±22%
Within
±22%
R6
R7
C7
C8
Frequency
Capacitance
1
±0.1kHz
1
±0.1kHz
120
±24Hz
Voltage
1.0
±0.2Vrms
0.5
±0.1Vrms
0.5
±0.1Vrms
C
V10µF (10V min.)
C
V10µF (6.3V max.)
C>10
µF
LLL/LLR/LLA/LLM Series Specifications and Test Methods (2)
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
LLL/LLR/LLA/LLM Series Specifications and Test Methods (2)
85
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to LLL/LLR/LLA/LLM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to LLL/LLR/LLA/LLM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com