Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 92 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 92 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 221 page
background image
90
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GJM0335C1E2R1WB01D
GJM0335C1E2R1BB01D
GJM0335C1E2R1CB01D
GJM0335C1E2R2WB01D
GJM0335C1E2R2BB01D
GJM0335C1E2R2CB01D
GJM0335C1E2R3WB01D
GJM0335C1E2R3BB01D
GJM0335C1E2R3CB01D
GJM0335C1E2R4WB01D
GJM0335C1E2R4BB01D
GJM0335C1E2R4CB01D
GJM0335C1E2R5WB01D
GJM0335C1E2R5BB01D
GJM0335C1E2R5CB01D
GJM0335C1E2R6WB01D
GJM0335C1E2R6BB01D
GJM0335C1E2R6CB01D
GJM0335C1E2R7WB01D
GJM0335C1E2R7BB01D
GJM0335C1E2R7CB01D
GJM0335C1E2R8WB01D
GJM0335C1E2R8BB01D
GJM0335C1E2R8CB01D
GJM0335C1E2R9WB01D
GJM0335C1E2R9BB01D
GJM0335C1E2R9CB01D
GJM0335C1E3R0WB01D
GJM0335C1E3R0BB01D
GJM0335C1E3R0CB01D
GJM0335C1E3R1WB01D
GJM0335C1E3R1BB01D
GJM0335C1E3R1CB01D
GJM0335C1E3R2WB01D
GJM0335C1E3R2BB01D
GJM0335C1E3R2CB01D
GJM0335C1E3R3WB01D
GJM0335C1E3R3BB01D
GJM0335C1E3R3CB01D
GJM0335C1E3R4WB01D
GJM0335C1E3R4BB01D
GJM0335C1E3R4CB01D
GJM0335C1E3R5WB01D
GJM0335C1E3R5BB01D
GJM0335C1E3R5CB01D
50(
1H)
GJM1555C1H2R1WB01D
GJM1555C1H2R1BB01D
GJM1555C1H2R1CB01D
GJM1555C1H2R2WB01D
GJM1555C1H2R2BB01D
GJM1555C1H2R2CB01D
GJM1555C1H2R3WB01D
GJM1555C1H2R3BB01D
GJM1555C1H2R3CB01D
GJM1555C1H2R4WB01D
GJM1555C1H2R4BB01D
GJM1555C1H2R4CB01D
GJM1555C1H2R5WB01D
GJM1555C1H2R5BB01D
GJM1555C1H2R5CB01D
GJM1555C1H2R6WB01D
GJM1555C1H2R6BB01D
GJM1555C1H2R6CB01D
GJM1555C1H2R7WB01D
GJM1555C1H2R7BB01D
GJM1555C1H2R7CB01D
GJM1555C1H2R8WB01D
GJM1555C1H2R8BB01D
GJM1555C1H2R8CB01D
GJM1555C1H2R9WB01D
GJM1555C1H2R9BB01D
GJM1555C1H2R9CB01D
GJM1555C1H3R0WB01D
GJM1555C1H3R0BB01D
GJM1555C1H3R0CB01D
GJM1555C1H3R1WB01D
GJM1555C1H3R1BB01D
GJM1555C1H3R1CB01D
GJM1555C1H3R2WB01D
GJM1555C1H3R2BB01D
GJM1555C1H3R2CB01D
GJM1555C1H3R3WB01D
GJM1555C1H3R3BB01D
GJM1555C1H3R3CB01D
GJM1555C1H3R4WB01D
GJM1555C1H3R4BB01D
GJM1555C1H3R4CB01D
GJM1555C1H3R5WB01D
GJM1555C1H3R5BB01D
GJM1555C1H3R5CB01D
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
2.1pF(
2R1)
2.2pF(
2R2)
2.3pF(
2R3)
2.4pF(
2R4)
2.5pF(
2R5)
2.6pF(
2R6)
2.7pF(
2R7)
2.8pF(
2R8)
2.9pF(
2R9)
3.0pF(
3R0)
3.1pF(
3R1)
3.2pF(
3R2)
3.3pF(
3R3)
3.4pF(
3R4)
3.5pF(
3R5)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
Temperature Compensating Type C0G(5C) Characteristics
GJM0335C1E2R0WB01D
GJM0335C1E2R0BB01D
GJM0335C1E2R0CB01D
GJM1555C1H2R0WB01D
GJM1555C1H2R0BB01D
GJM1555C1H2R0CB01D
2.0pF(
2R0)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
GJ
M
03
3
5C
1E
2R0 W
B01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com