Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 221 page
background image
34
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
50(
1H)
GRM1556P1H1R0CZ01D
GRM1556P1H2R0CZ01D
GRM1556P1H3R0CZ01D
GRM1556P1H4R0CZ01D
GRM1556P1H5R0CZ01D
GRM1556P1H6R0DZ01D
GRM1556P1H7R0DZ01D
GRM1556P1H8R0DZ01D
GRM1556P1H9R0DZ01D
GRM1556P1H100JZ01D
GRM1556P1H120JZ01D
GRM1556P1H150JZ01D
GRM1556P1H180JZ01D
GRM1556P1H220JZ01D
GRM1556P1H270JZ01D
1.0x0.5(
15)<0402>
Temperature Compensating Type P2H(6P), R2H(6R) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GRM0336R1E1R0CD01D
GRM0336R1E2R0CD01D
GRM0336R1E3R0CD01D
GRM0336R1E4R0CD01D
GRM0336R1E5R0CD01D
GRM0336R1E6R0DD01D
GRM0336R1E7R0DD01D
GRM0336R1E8R0DD01D
GRM0336R1E9R0DD01D
GRM0336R1E100JD01D
GRM0336R1E120JD01D
GRM0336R1E150JD01D
GRM0336R1E180JD01D
GRM0336R1E220JD01D
GRM0336R1E270JD01D
GRM0336R1E330JD01D
GRM0336R1E390JD01D
GRM0336R1E470JD01D
GRM0336R1E560JD01D
GRM0336R1E680JD01D
GRM0336R1E820JD01D
GRM0336R1E101JD01D
50(
1H)
GRM1556R1H1R0CD01D
GRM1556R1H2R0CZ01D
GRM1556R1H3R0CZ01D
GRM1556R1H4R0CZ01D
GRM1556R1H5R0CZ01D
GRM1556R1H6R0DZ01D
GRM1556R1H7R0DZ01D
GRM1556R1H8R0DZ01D
GRM1556R1H9R0DZ01D
GRM1556R1H100JZ01D
GRM1556R1H120JZ01D
GRM1556R1H150JZ01D
GRM1556R1H180JZ01D
GRM1556R1H220JZ01D
GRM1556R1H270JZ01D
GRM1556R1H330JZ01D
1.0x0.5(
15)<0402>
0.6x0.3(
03)<0201>
P2H
TC
R2H
1.0pF(
1R0)
2.0pF(
2R0)
3.0pF(
3R0)
4.0pF(
4R0)
5.0pF(
5R0)
6.0pF(
6R0)
7.0pF(
7R0)
8.0pF(
8R0)
9.0pF(
9R0)
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
GR
M
15
5
6P
1H
1R0
C
Z01
D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com