Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 221 page
background image
17
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM0225C1CR20WD05L
GRM0225C1CR20BD05L
GRM0225C1CR30WD05L
GRM0225C1CR30BD05L
GRM0225C1CR40WD05L
GRM0225C1CR40BD05L
GRM0225C1CR50WD05L
GRM0225C1CR50BD05L
GRM0225C1CR60WD05L
GRM0225C1CR60BD05L
GRM0225C1CR70WD05L
GRM0225C1CR70BD05L
GRM0225C1CR80WD05L
GRM0225C1CR80BD05L
GRM0225C1CR90WD05L
GRM0225C1CR90BD05L
GRM0225C1C1R0WD05L
GRM0225C1C1R0BD05L
GRM0225C1C1R0CD05L
GRM0225C1C1R1WD05L
GRM0225C1C1R1BD05L
GRM0225C1C1R1CD05L
GRM0225C1C1R2WD05L
GRM0225C1C1R2BD05L
GRM0225C1C1R2CD05L
GRM0225C1C1R3WD05L
GRM0225C1C1R3BD05L
GRM0225C1C1R3CD05L
GRM0225C1C1R4WD05L
GRM0225C1C1R4BD05L
GRM0225C1C1R4CD05L
GRM0225C1C1R5WD05L
GRM0225C1C1R5BD05L
GRM0225C1C1R5CD05L
GRM0225C1C1R6WD05L
GRM0225C1C1R6BD05L
GRM0225C1C1R6CD05L
GRM0225C1C1R7WD05L
GRM0225C1C1R7BD05L
GRM0225C1C1R7CD05L
GRM0225C1C1R8WD05L
GRM0225C1C1R8BD05L
GRM0225C1C1R8CD05L
GRM0225C1C1R9WD05L
GRM0225C1C1R9BD05L
GRM0225C1C1R9CD05L
50(
1H)
GRM0335C1HR10WD01D
GRM0335C1HR10BD01D
GRM0335C1HR20WD01D
GRM0335C1HR20BD01D
GRM0335C1HR30WD01D
GRM0335C1HR30BD01D
GRM0335C1HR40WD01D
GRM0335C1HR40BD01D
GRM0335C1HR50WD01D
GRM0335C1HR50BD01D
GRM0335C1HR60WD01D
GRM0335C1HR60BD01D
GRM0335C1HR70WD01D
GRM0335C1HR70BD01D
GRM0335C1HR80WD01D
GRM0335C1HR80BD01D
GRM0335C1HR90WD01D
GRM0335C1HR90BD01D
GRM0335C1H1R0WD01D
GRM0335C1H1R0BD01D
GRM0335C1H1R0CD01D
GRM0335C1H1R1WD01D
GRM0335C1H1R1BD01D
GRM0335C1H1R1CD01D
GRM0335C1H1R2WD01D
GRM0335C1H1R2BD01D
GRM0335C1H1R2CD01D
GRM0335C1H1R3WD01D
GRM0335C1H1R3BD01D
GRM0335C1H1R3CD01D
GRM0335C1H1R4WD01D
GRM0335C1H1R4BD01D
GRM0335C1H1R4CD01D
GRM0335C1H1R5WD01D
GRM0335C1H1R5BD01D
GRM0335C1H1R5CD01D
GRM0335C1H1R6WD01D
GRM0335C1H1R6BD01D
GRM0335C1H1R6CD01D
GRM0335C1H1R7WD01D
GRM0335C1H1R7BD01D
GRM0335C1H1R7CD01D
GRM0335C1H1R8WD01D
GRM0335C1H1R8BD01D
GRM0335C1H1R8CD01D
GRM0335C1H1R9WD01D
GRM0335C1H1R9BD01D
GRM0335C1H1R9CD01D
50(
1H)
GRM1555C1HR10WA01D
GRM1555C1HR10BA01D
GRM1555C1HR20WA01D
GRM1555C1HR20BA01D
GRM1555C1HR30WA01D
GRM1555C1HR30BA01D
GRM1555C1HR40WA01D
GRM1555C1HR40BA01D
GRM1555C1HR50WA01D
GRM1555C1HR50BA01D
GRM1555C1HR60WA01D
GRM1555C1HR60BA01D
GRM1555C1HR70WA01D
GRM1555C1HR70BA01D
GRM1555C1HR80WA01D
GRM1555C1HR80BA01D
GRM1555C1HR90WA01D
GRM1555C1HR90BA01D
GRM1555C1H1R0WA01D
GRM1555C1H1R0BA01D
GRM1555C1H1R0CA01D
GRM1555C1H1R1WA01D
GRM1555C1H1R1BA01D
GRM1555C1H1R1CA01D
GRM1555C1H1R2WA01D
GRM1555C1H1R2BA01D
GRM1555C1H1R2CA01D
GRM1555C1H1R3WA01D
GRM1555C1H1R3BA01D
GRM1555C1H1R3CA01D
GRM1555C1H1R4WA01D
GRM1555C1H1R4BA01D
GRM1555C1H1R4CA01D
GRM1555C1H1R5WA01D
GRM1555C1H1R5BA01D
GRM1555C1H1R5CA01D
GRM1555C1H1R6WA01D
GRM1555C1H1R6BA01D
GRM1555C1H1R6CA01D
GRM1555C1H1R7WA01D
GRM1555C1H1R7BA01D
GRM1555C1H1R7CA01D
GRM1555C1H1R8WA01D
GRM1555C1H1R8BA01D
GRM1555C1H1R8CA01D
GRM1555C1H1R9WA01D
GRM1555C1H1R9BA01D
GRM1555C1H1R9CA01D
0.4x0.2(
02)<01005>
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
0.1pF(
R10)
0.2pF(
R20)
0.3pF(
R30)
0.4pF(
R40)
0.5pF(
R50)
0.6pF(
R60)
0.7pF(
R70)
0.8pF(
R80)
0.9pF(
R90)
1.0pF(
1R0)
1.1pF(
1R1)
1.2pF(
1R2)
1.3pF(
1R3)
1.4pF(
1R4)
1.5pF(
1R5)
1.6pF(
1R6)
1.7pF(
1R7)
1.8pF(
1R8)
1.9pF(
1R9)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
Temperature Compensating Type C0G(5C) Characteristics
GR
M
02
2
5C
1C
R20 W
D05
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging*
(Part Number)
w
q
e r t y
u i
o !0
*GRM022: D is applicable.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com