Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 37 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 37 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 221 page
background image
35
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
25(
1E)
GRM0336S1E1R0CD01D
GRM0336S1E2R0CD01D
GRM0336S1E3R0CD01D
GRM0336S1E4R0CD01D
GRM0336S1E5R0CD01D
GRM0336S1E6R0DD01D
GRM0336S1E7R0DD01D
GRM0336S1E8R0DD01D
GRM0336S1E9R0DD01D
GRM0336S1E100JD01D
GRM0336S1E120JD01D
GRM0336S1E150JD01D
GRM0336S1E180JD01D
GRM0336S1E220JD01D
GRM0336S1E270JD01D
GRM0336S1E330JD01D
GRM0336S1E390JD01D
GRM0336S1E470JD01D
GRM0336S1E560JD01D
GRM0336S1E680JD01D
GRM0336S1E820JD01D
GRM0336S1E101JD01D
50(
1H)
GRM1556S1H1R0CD01D
GRM1556S1H2R0CZ01D
GRM1556S1H3R0CZ01D
GRM1556S1H4R0CZ01D
GRM1556S1H5R0CZ01D
GRM1556S1H6R0DZ01D
GRM1556S1H7R0DZ01D
GRM1556S1H8R0DZ01D
GRM1556S1H9R0DZ01D
GRM1556S1H100JZ01D
GRM1556S1H120JZ01D
GRM1556S1H150JZ01D
GRM1556S1H180JZ01D
GRM1556S1H220JZ01D
GRM1556S1H270JZ01D
GRM1556S1H330JZ01D
GRM1556S1H390JZ01D
1.0x0.5(
15)<0402>
0.6x0.3(
03)<0201>
1.0pF(
1R0)
2.0pF(
2R0)
3.0pF(
3R0)
4.0pF(
4R0)
5.0pF(
5R0)
6.0pF(
6R0)
7.0pF(
7R0)
8.0pF(
8R0)
9.0pF(
9R0)
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
Temperature Compensating Type S2H(6S), T2H(6T) Characteristics
25(
1E)
GRM0336T1E1R0CD01D
GRM0336T1E2R0CD01D
GRM0336T1E3R0CD01D
GRM0336T1E4R0CD01D
GRM0336T1E5R0CD01D
GRM0336T1E6R0DD01D
GRM0336T1E7R0DD01D
GRM0336T1E8R0DD01D
GRM0336T1E9R0DD01D
GRM0336T1E100JD01D
GRM0336T1E120JD01D
GRM0336T1E150JD01D
GRM0336T1E180JD01D
GRM0336T1E220JD01D
GRM0336T1E270JD01D
GRM0336T1E330JD01D
GRM0336T1E390JD01D
GRM0336T1E470JD01D
GRM0336T1E560JD01D
GRM0336T1E680JD01D
GRM0336T1E820JD01D
GRM0336T1E101JD01D
50(
1H)
GRM1556T1H1R0CD01D
GRM1556T1H2R0CD01D
GRM1556T1H3R0CD01D
GRM1556T1H4R0CD01D
GRM1556T1H5R0CD01D
GRM1556T1H6R0DD01D
GRM1556T1H7R0DD01D
GRM1556T1H8R0DD01D
GRM1556T1H9R0DD01D
GRM1556T1H100JD01D
GRM1556T1H120JD01D
GRM1556T1H150JD01D
GRM1556T1H180JD01D
GRM1556T1H220JD01D
GRM1556T1H270JD01D
GRM1556T1H330JD01D
GRM1556T1H390JD01D
GRM1556T1H470JD01D
GRM1556T1H560JD01D
GRM1556T1H680JD01D
GRM1556T1H820JD01D
GRM1556T1H101JD01D
1.0x0.5(
15)<0402>
0.6x0.3(
03)<0201>
TC
S2H
T2H
Part Number
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com