Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 221 page
background image
24
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM0225C1C100GD05L
GRM0225C1C100JD05L
GRM0225C1C120GD05L
GRM0225C1C120JD05L
GRM0225C1C150GD05L
GRM0225C1C150JD05L
GRM0225C1C180GD05L
GRM0225C1C180JD05L
GRM0225C1C220GD05L
GRM0225C1C220JD05L
GRM0225C1C270GD05L
GRM0225C1C270JD05L
GRM0225C1C330GD05L
GRM0225C1C330JD05L
GRM0225C1C390GD05L
GRM0225C1C390JD05L
GRM0225C1C470GD05L
GRM0225C1C470JD05L
10(
1A)
GRM0225C1A560GD05L
GRM0225C1A560JD05L
GRM0225C1A680GD05L
GRM0225C1A680JD05L
GRM0225C1A820GD05L
GRM0225C1A820JD05L
GRM0225C1A101GD05L
GRM0225C1A101JD05L
6.3(
0J)
GRM0225C0J560GD05L
GRM0225C0J560JD05L
GRM0225C0J680GD05L
GRM0225C0J680JD05L
GRM0225C0J820GD05L
GRM0225C0J820JD05L
GRM0225C0J101GD05L
GRM0225C0J101JD05L
50(
1H)
GRM0335C1H100GD01D
GRM0335C1H100JD01D
GRM0335C1H120GD01D
GRM0335C1H120JD01D
GRM0335C1H150GD01D
GRM0335C1H150JD01D
GRM0335C1H180GD01D
GRM0335C1H180JD01D
GRM0335C1H220GD01D
GRM0335C1H220JD01D
GRM0335C1H270GD01D
GRM0335C1H270JD01D
GRM0335C1H330GD01D
GRM0335C1H330JD01D
GRM0335C1H390GD01D
GRM0335C1H390JD01D
GRM0335C1H470GD01D
GRM0335C1H470JD01D
GRM0335C1H560GD01D
GRM0335C1H560JD01D
GRM0335C1H680GD01D
GRM0335C1H680JD01D
GRM0335C1H820GD01D
GRM0335C1H820JD01D
GRM0335C1H101GD01D
GRM0335C1H101JD01D
0.4x0.2(
02)<01005>
0.6x0.3(
03)<0201>
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics
GR
M
02
2
5C
1C
100
G
D05
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging*
(Part Number)
w
q
e r t y
u i
o !0
*GRM022: D is applicable.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com