Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 38 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 38 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 221 page
background image
36
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
10(
1A)
GRM022R71A680KA01L
GRM022R71A101KA01L
GRM022R71A151KA01L
GRM022R71A221KA01L
GRM022R71A331KA01L
GRM022R71A471KA01L
0.4x0.2(
02)<01005>
68pF(
680)
100pF(
101)
150pF(
151)
220pF(
221)
330pF(
331)
470pF(
471)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GRM033R71E101KA01D
GRM033R71E151KA01D
GRM033R71E221KA01D
GRM033R71E331KA01D
GRM033R71E471KA01D
GRM033R71E681KA01D
GRM033R71E102KA01D
GRM033R71E152KA01D
16(
1C)
GRM033R71C101KA01D
GRM033R71C151KA01D
GRM033R71C221KA01D
GRM033R71C331KA01D
GRM033R71C471KA01D
GRM033R71C681KA01D
GRM033R71C102KA01D
GRM033R71C152KA01D
GRM033R71C222KA88D
GRM033R71C332KA88D
10(
1A)
GRM033R71A222KA01D
GRM033R71A332KA01D
GRM033R71A472KA01D
GRM033R71A682KA01D
GRM033R71A103KA01D
6.3(
0J)
GRM033R70J472KA01D
GRM033R70J682KA01D
GRM033R70J103KA01D
0.6x0.3(
03)<0201>
100pF(
101)
150pF(
151)
220pF(
221)
330pF(
331)
470pF(
471)
680pF(
681)
1000pF(
102)
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
High Dielectric Constant Type X7R(R7) Characteristics
GR
M
02
2
R7
1A
680
K
A01
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com