Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 221 page
background image
37
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GRM Series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM155R72A221KA01D
GRM155R72A331KA01D
GRM155R72A471KA01D
GRM155R72A681KA01D
GRM155R72A102KA01D
GRM155R72A152KA01D
GRM155R72A222KA01D
GRM155R72A332KA01D
GRM155R72A472KA01D
50(
1H)
GRM155R71H221KA01D
GRM155R71H331KA01D
GRM155R71H471KA01D
GRM155R71H681KA01D
GRM155R71H102KA01D
GRM155R71H152KA01D
GRM155R71H222KA01D
GRM155R71H332KA01D
GRM155R71H472KA01D
GRM155R71H682KA88D
GRM155R71H103KA88D
GRM155R71H153KA12D
GRM155R71H223KA12D
25(
1E)
GRM155R71E472KA01D
GRM155R71E682KA01D
GRM155R71E103KA01D
GRM155R71E153KA61D
GRM155R71E223KA61D
GRM155R71E333KA88D
GRM155R71E473KA88D
16(
1C)
GRM155R71C153KA01D
GRM155R71C223KA01D
GRM155R71C333KA01D
GRM155R71C473KA01D
GRM155R71C683KA88D
GRM155R71C104KA88D
GRM155R71C154KA12D*
GRM155R71C224KA12D*
1.0x0.5(
15)<0402>
220pF(
221)
330pF(
331)
470pF(
471)
680pF(
681)
1000pF(
102)
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
10(
1A)
GRM155R71A683KA01D
GRM155R71A104KA01D
1.0x0.5(
15)<0402>
68000pF(
683)
0.10
µF(104)
±10%(K)
±10%(K)
High Dielectric Constant Type X7R(R7) Characteristics
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com