Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 56 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 56 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
Temperature
Step
100 to 120
°C
170 to 200
°C
Time
1 min.
1 min.
1
2
1
Step
Min.
Operating
Temp. +0/–3
30
±3
2
Room
Temp.
2 to 3
3
Max.
Operating
Temp. +3/–0
30
±3
4
Room
Temp.
2 to 3
Temp. (
°C)
Time (min.)
Fix the capacitor to the supporting jig in the same
manner and under the same conditions as (10).
Perform the five cycles according to the four heat treatments
shown in the following table.
Set for 24
±2 hours at room temperature, then measure.
•Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/–10
°C for one hour and
then set at room temperature for 24
±2 hours.
Perform the initial measurement.
15
Temperature
Cycle
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No defects or abnormalities
Capacitance
Change
Within
±2.5% or ±0.25pF
(whichever is larger)
B1, B3, R1, R6, R7, C8:
Within
±7.5%
F1, F5, E4: Within
±20%
Q/D.F.
30pF and over: Q
U1000
30pF and below:
Q
U400+20C
C: Nominal Capacitance (pF)
[B1, B3, R6, R7, C8]
W.V.: 100V
: 0.025 max. (C
F0.068µF)
: 0.05 max. (C
U0.068µF)
W.V.: 50/35/25V:
: 0.025 max.*
*GRM32D R7/R6/C8 1E106: 0.035 max.
W.V.: 16/10V: 0.035 max.
W.V.: 6.3/4V
: 0.05 max. (C
F3.3µF)
: 0.1 max. (C
U3.3µF)
[E4]
W.V.: 25Vmin: 0.05 max.
[F1, F5]
W.V.: 25V min.
: 0.05 max. (C
F0.1µF)
: 0.09 max. (C
U0.1µF)
W.V.: 16/10V: 0.125 max.
W.V.: 6.3V: 0.15 max.
I.R.
More than 10,000M
Ω or 500Ω · F (whichever is smaller)
Dielectric
Strength
No defects
Preheat the capacitor at 120 to 150
°C for 1 minute.
Immerse the capacitor in a eutectic solder or Sn-3.0Ag-0.5Cu
solder solution at 270
±5°C for 10±0.5 seconds. Set at room
temperature for 24
±2 hours, then measure.
•Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/–10
°C for one hour and
then set at room temperature for 24
±2 hours.
Perform the initial measurement.
•Preheating for GRM32/43/55
14
Resistance
to
Soldering
Heat
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No defects or abnormalities
Capacitance
Change
Within
±2.5% or ±0.25pF
(whichever is larger)
B1, B3, R1, R6, R7, C8:
Within
±7.5%
F1, F5, E4: Within
±20%
Q/D.F.
30pF and over: Q
U1000
30pF and below:
Q
U400+20C
C: Nominal Capacitance (pF)
[B1, B3, R6, R7, C8]
W.V.: 100V
: 0.025 max. (C
F0.068µF)
: 0.05 max. (C
U0.068µF)
W.V.: 50/35/25V:
: 0.025 max.*
*GRM32D R7/R6/C8 1E106: 0.035 max.
W.V.: 16/10V: 0.035 max.
W.V.: 6.3/4V
: 0.05 max. (C
F3.3µF)
: 0.1 max. (C
U3.3µF)
[E4]
W.V.: 25Vmin: 0.025 max.
[F1, F5]
W.V.: 25V min.
: 0.05 max. (C
F0.1µF)
: 0.09 max. (C
U0.1µF)
W.V.: 16/10V: 0.125 max.
W.V.: 6.3V: 0.15 max.
I.R.
More than 10,000M
Ω or 500Ω · F (whichever is smaller)
Dielectric
Strength
No defects
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
54
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com