Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 81 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 81 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 221 page
background image
79
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
LLL153 Series 4V/0.47
µF(L: 0.5+0.07/-0.03mm)
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to LLL/LLR/LLA/LLM Series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
6.3(
0J)
LLL153C80J104ME01E*
LLL153C80J224ME14E*
4(
0G)
LLL153C70G474ME17E*
0.5x1.0(
15)<0204>
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
LLL185R71H222MA01L
LLL185R71H472MA01L
25(
1E)
LLL185R71E103MA01L
LLL185R71E223MA01L
16(
1C)
LLL185R71C473MA01L
10(
1A)
LLL185R71A104MA01L
LLL185R71A224MA01L
0.8x1.6(
18)<0306>
2200pF(
222)
4700pF(
472)
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
4(
0G)
LLL185C70G474MA01L
LLL185C70G105ME02L*
LLL185C70G225ME01L*
0.8x1.6(
18)<0306>
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
LLL216R71H103MA01L
LLL216R71H223MA01L
25(
1E)
LLL216R71E473MA01L
LLL216R71E104MA01L
16(
1C)
LLL219R71C224MA01L
10(
1A)
LLL216R71A224MA01L
LLL219R71A474MA01L
LLL219R71A105MA01L
1.25x2.0(
21)<0508>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
4(
0G)
LLL219C70G225MA01L
1.25x2.0(
21)<0508>
2.2
µF(225)
±20%(M)
Reversed Geometry Low ESL Type X7R(R7)/X7S(C7)/X6S(C8) Characteristics
LL
L
15
3
C8
0J
104
M
E01
E
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com