Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 31 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 31 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 221 page
background image
29
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
GRM1535C1H100JDD5D
GRM1535C1H120JDD5D
GRM1535C1H150JDD5D
GRM1535C1H180JDD5D
GRM1535C1H220JDD5D
GRM1535C1H270JDD5D
GRM1535C1H330JDD5D
GRM1535C1H390JDD5D
GRM1535C1H470JDD5D
GRM1535C1H560JDD5D
GRM1535C1H680JDD5D
GRM1535C1H820JDD5D
GRM1535C1H101JDD5D
GRM1535C1H121JDD5D
GRM1535C1H151JDD5D
GRM1535C1H181JDD5D
GRM1535C1H221JDD5D
GRM1535C1H271JDD5D
GRM1535C1H331JDD5D
GRM1535C1H391JDD5D
GRM1535C1H471JDD5D
GRM1535C1H561JDD5D
GRM1535C1H681JDD5D
1.0x0.5(
15)<0402>
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics-Low Profile
GRM1535C1H9R7DDD5D
GRM1535C1H9R8DDD5D
GRM1535C1H9R9DDD5D
9.7pF(
9R7)
9.8pF(
9R8)
9.9pF(
9R9)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com