Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 73 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 73 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
Preheat the capacitor at 120 to 150
°C for 1 minute. Immerse
the capacitor in a eutectic solder or Sn-3.0Ag-0.5Cu solder
solution at 270
±5°C for 10±0.5 seconds. Let sit at room
temperature for 24
±2 hours, then measure.
• Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/-10
°C for one hour and
then let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
14
Resistance to
Soldering Heat
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±2.5%
or
±0.25pF
(whichever is
larger)
R7, R6, C7: Within
±7.5%
Q/D.F.
30pF min.: Q
U1000
30pF max.:
Q
U400+20C
C: Nominal
Capacitance (pF)
I.R.
More than 10,000M
Ω or 500Ω · F (whichever is smaller)
Dielectric
Strength
No failure
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion). Preheat at
80 to 120
°C for 10 to 30 seconds. After preheating, immerse in
eutectic solder solution for 2
±0.5 seconds at 230±5°C or
Sn-3.0Ag-0.5Cu solder solution for 2
±0.5 seconds at 245±5°C.
13
Solderability of
Termination
75% of the terminations are to be soldered evenly and
continuously.
GNM Series Specifications and Test Methods (1)
Char. 25V min.
0.025
max.
16V
0.035
max.
10V
0.035
max.
6.3V
0.05
max.
R7, R6,
C7
Char. 25V min.
0.025
max.
16V
0.035
max.
10V
0.035
max.
6.3V
0.05
max.
R7, R6,
C7
Type
a
2.0
±0.05
2.0
±0.05
2.0
±0.05
2.5
±0.05
b
0.5
±0.05
0.6
±0.05
0.7
±0.05
0.8
±0.05
c
0.32
±0.05
0.5
±0.05
0.3
±0.05
0.4
±0.05
d
0.32
±0.05
0.5
±0.05
0.2
±0.05
0.4
±0.05
GNM1M2
GNM212
GNM214
GNM314
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2 using a eutectic solder.
Then apply a force in the direction shown in Fig. 3 for 5
±1 sec.
The soldering should be done by the reflow method and should
be conducted with care so that the soldering is uniform and free
of defects such as heat shock.
Fig. 3
12
Deflection
Appearance
No marking defects
Capacitance
Change
Within
±5% or ±0.5pF
(whichever is larger)
Within
±10%
(in mm)
Fig. 2
•GNMpp4
•GNMpp2
Solder the capacitor to the test jig (glass epoxy board) in the
same manner and under the same conditions as (10). The
capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each of 3 mutually perpendic-
ular directions (total of 6 hours).
11
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
Q/D.F.
30pF min.: Q
U1000
30pF max.:
Q
U400+20C
C: Nominal
Capacitance (pF)
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
100
1.0
5.0
b
a
c
d
100
1.0
t=0.8mm
5.0
b
a
c
d
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed: 1.0mm/sec.
Pressurize
45
45
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GNM Series Specifications and Test Methods (1)
71
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com